Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBM2S Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RBM2S
Description  0.5Amp Fast Recovery Glass Passivated Bridge Rectifier 50 to 400 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RBM2S Datasheet(HTML) 2 Page - Micro Commercial Components

  RBM2S Datasheet HTML 1Page - Micro Commercial Components RBM2S Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RBM05S thru RBM4S
www.mccsemi.com
MCC
1
10
100
0
5.0
10
15
20
25
30
35
0
20
40
60
80
100
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
0.1
1
10
100
0
5.0
10
15
20
25
30
200
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles
Fig. 1 – Maximum Forward Current
Derating Curve
Ambient Temperature (
°C)
Instantaneous Forward Voltage (V)
Fig. 3 – Typical Instantaneous
Forward Characteristics
Fig. 4 – Typical Reverse Leakage
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
Resistive or Inductive Load
Aluminum Substrate
Glass Epoxy P.C.B.
TA = 40°C
Single Half Sine-Wave
(JEDEC Method)
Pulse Width = 300 s
1% Duty Cycle
TJ = 125
°C
TJ = 25
°C
Reverse Voltage (V)
Fig. 5 – Typical Junction Capacitance
1.0 Cycle
f = 60Hz
f = 50Hz
TJ = 150
°C
TJ = 25
°C
TJ = 25
°C
f = 1.0 MHz
Vsig = 50mVp-p
Version: 3
2003/02/10


Similar Part No. - RBM2S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM RECOM-RBM Datasheet
107Kb / 3P
   ECONOLINE - DC/DC - CONVERTER
logo
MERITEK ELECTRONICS COR...
RBM MERITEK-RBM Datasheet
293Kb / 2P
   Aluminum Electrolytic Capacitors
logo
Recom International Pow...
RBM-0505 RECOM-RBM-0505 Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-0505D RECOM-RBM-0505D Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-0505D RECOM-RBM-0505D Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
More results

Similar Description - RBM2S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB05M MCC-MB05M Datasheet
101Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S_09 Datasheet
117Kb / 3P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
MAKO SEMICONDUCTOR CO.,...
MB1S MAKOSEMI-MB1S Datasheet
125Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB05S PFS-MB05S Datasheet
181Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR151GP CHENYI-FR151GP Datasheet
64Kb / 3P
   1.5Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
FR601GP CHENYI-FR601GP Datasheet
48Kb / 3P
   6Amp glass passivated fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
SF21G MCC-SF21G Datasheet
224Kb / 4P
   2.0 Amp Super Fast Glass Passivated Rectifier 50 to 400 Volts
logo
Shanghai Lunsure Electr...
FR201GP CHENYI-FR201GP Datasheet
50Kb / 3P
   2Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com