Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6720AARZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6720AARZ
Description  100V Triple Linear Bias Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6720AARZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6720AARZ Datasheet HTML 1Page - Intersil Corporation ISL6720AARZ Datasheet HTML 2Page - Intersil Corporation ISL6720AARZ Datasheet HTML 3Page - Intersil Corporation ISL6720AARZ Datasheet HTML 4Page - Intersil Corporation ISL6720AARZ Datasheet HTML 5Page - Intersil Corporation ISL6720AARZ Datasheet HTML 6Page - Intersil Corporation ISL6720AARZ Datasheet HTML 7Page - Intersil Corporation ISL6720AARZ Datasheet HTML 8Page - Intersil Corporation ISL6720AARZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6487.1
August 23, 2007
Current Limit
VPWR = 17V, 48V
VADJ = 15V, VSW Disabled
-225
-380
-500
mA
Maximum External Bias
VPWR = 17V, 100V
VADJ = 0V, VSWADJ = 0V,
VSW Enabled
IVIO ≤ 1.00mA
40
V
Load Capacitance Range
(Notes 5, 6)
0.1
µF
VADJ Bias Current
VPWR = 100V, VSW Disabled
VADJ = 0V, 40V
-75
-25
1
µA
OUTPUT VOLTAGE VSW
Load Capacitance Range
(Note 5)
0.47
1.0
1.5
µF
Compensation Capacitance
(Note 5)
180
220
260
pF
Overall Accuracy
VPWR = 48V
IVSW = -500μA to -50mA
VADJ = 0V, VIO = 22V, 40V ext.
VSWADJ = 0.471V
-5
+5
%
VSWADJ = 1.000V
-3
+3
%
VSWADJ = 2.143V
-3
+3
%
Setpoint Range
VPWR = 48V, VADJ = 0V,
VIO = 40V ext.
VSWADJ = 0V
0
1.5
V
VSWADJ = 2.25V
15
V
Source Voltage Headroom, VIO - VSW
VPWR = 21V, VADJ = 0V,
VSW = 15V, IVSW = -50mA
VIO - VSW
VSW final = 0.95 x VSW initial
1.0
1.5
V
Source Voltage Headroom, VPWR - VSW
VIO = 17 V ext., VADJ = 0V,
VSW = 15V, IVSW = -50mA
VPWR - VSW
VSW final = 0.95 x VSW initial
5.5
V
Minimum Required Load
-500
µA
VSWADJ Discharge Device, VOL
VPWR = 48V, IVSWADJ = 10mA
VSW Disabled, VADJ = 15V
0.10
0.25
V
Maximum VOUT, Faulted VSWADJ
VSWADJ = 4V, VIO = 40V,
IVSW = -50mA
15.1
23
V
VSWADJ DC Gain
VSW = VADJ*GVSWADJ
7V/V
Long Term Stability
TA = +125°C, 1000 hours, (Note 5)
VPWR = 48V, VSWADJ = 1.0V,
IVSW = -50mA, VADJ = 0V,
VIO = 40V ext.
0.3
%
Operational Current (source)
VPWR = 48V, VADJ = 0V
VIO = 17V ext., VSWADJ = 2.14V
-50
mA
Current Limit
VPWR = 100V, VADJ = 0V
VIO = 40V ext.
-80
-225
-300
mA
VSWADJ Bias Current
VPWR = 100V, VIO = 40V ext.
VSWADJ = 0V, 5V
-1.0
1.0
μA
OUTPUT VOLTAGE VCONT
Overall Accuracy
VPWR = 17V, 100V
IVCONT = -250μA to -25mA
VADJ = 0V, VIO = 10V, 40V ext.
TA = -40 to +105°C
4.925
5.000
5.075
V
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 2
and “Typical Application” on page 3. 17 V < VPWR < 100V, CVSW = CVCONT = 1µF, IVCONT = -250μA,
IVSW = -500μA, VSW Enabled, TA = -40°C to +105°C (Note 4), Typical values are at TA = +25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6720A


Similar Part No. - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Renesas Technology Corp
ISL6720AARZ RENESAS-ISL6720AARZ Datasheet
564Kb / 11P
   100V Triple Linear Bias Supply
More results

Similar Description - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Renesas Technology Corp
ISL6720A RENESAS-ISL6720A Datasheet
564Kb / 11P
   100V Triple Linear Bias Supply
ISL6719 RENESAS-ISL6719 Datasheet
492Kb / 9P
   100V Linear Bias Supply
logo
Intersil Corporation
ISL6719 INTERSIL-ISL6719 Datasheet
177Kb / 9P
   100V Linear Bias Supply
ISL6719ARZ INTERSIL-ISL6719ARZ Datasheet
304Kb / 9P
   100V Linear Bias Supply
July 15, 2014
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Monolithic Power System...
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
   Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com