Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6609AIBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6609AIBZ
Description  Synchronous Rectified MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6609AIBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6609AIBZ Datasheet HTML 4Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 5Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 6Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 7Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 8Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 9Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 10Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 11Page - Intersil Corporation ISL6609AIBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN9221.2
April 27, 2009
bootstrap resistor is designed to reduce the overcharging of
the bootstrap capacitor when exposed to excessively large
negative voltage swing at the PHASE node. Typically, such
large negative excursions occur in high current applications
that use D2-PAK and D-PAK MOSFETs or excessive layout
parasitic inductance.
The following equation helps select a proper bootstrap
capacitor size:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔVBOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive.
As an example, suppose two IRLR7821 FETs are chosen as
the upper MOSFETs. The gate charge, QG, from the data
sheet is 10nC at 4.5V (VGS) gate-source voltage. Then the
QGATE is calculated to be 22nC at VCC level. We will
assume a 200mV droop in drive voltage over the PWM
cycle. We find that a bootstrap capacitance of at least
0.110µF is required. The next larger standard value
capacitance is 0.22µF. A good quality ceramic capacitor is
recommended.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency (FSW), the output drive impedance, the
external gate resistance, and the selected MOSFET’s
internal gate resistance and total gate charge. Calculating
the power dissipation in the driver for a desired application is
critical to ensure safe operation. Exceeding the maximum
allowable power dissipation level will push the IC beyond the
maximum recommended operating junction temperature of
+125°C. The maximum allowable IC power dissipation for
the SO8 package is approximately 800mW at room
temperature, while the power dissipation capacity in the
QFN package, with an exposed heat escape pad, is slightly
better. See “Layout Considerations” on page 9 for thermal
transfer improvement suggestions. When designing the
driver into an application, it is recommended that the
following calculation is used to ensure safe operation at the
desired frequency for the selected MOSFETs. The total gate
drive power losses due to the gate charge of MOSFETs and
the driver’s internal circuitry and their corresponding average
driver current can be estimated with Equations 2 and 3,
respectively,
where the gate charge (QG1 and QG2) is defined at a
particular gate to source voltage (VGS1and VGS2) in the
corresponding MOSFET datasheet; IQ is the driver’s total
quiescent current with no load at both drive outputs; NQ1
and NQ2 are number of upper and lower MOSFETs,
respectively. The IQ VCC product is the quiescent power of
the driver without capacitive load and is typically negligible.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses, the rest will be dissipated by the external gate
resistors (RG1 and RG2, should be a short to avoid
interfering with the operation shoot-through protection
circuitry) and the internal gate resistors (RGI1 and RGI2) of
MOSFETs. Figures 3 and 4 show the typical upper and lower
gate drives turn-on transition path. The power dissipation on
the driver can be roughly estimated as:
C
BOOT_CAP
Q
GATE
ΔV
BOOT_CAP
--------------------------------------
Q
GATE
Q
G1
VCC
V
GS1
-------------------------------
N
Q1
=
(EQ. 1)
50nC
20nC
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
ΔV
BOOT (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.8
2.0
P
Qg_TOT
P
Qg_Q1
P
Qg_Q2
I
Q
VCC
++
=
(EQ. 2)
P
Qg_Q1
Q
G1
VCC2
V
GS1
----------------------------------
F
SW
N
Q1
=
P
Qg_Q2
Q
G2
VCC2
V
GS2
----------------------------------
F
SW
N
Q2
=
I
DR
Q
G1
UVCC
N
Q1
V
GS1
------------------------------------------------------
Q
G2
LVCC
N
Q2
V
GS2
-----------------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
F
SW
I
Q
+
=
(EQ. 3)
P
DR
P
DR_UP
P
DR_LOW
I
Q
VCC
++
=
(EQ. 4)
P
DR_UP
R
HI1
R
HI1
R
EXT1
+
--------------------------------------
R
LO1
R
LO1
R
EXT1
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q1
2
---------------------
=
P
DR_LOW
R
HI2
R
HI2
R
EXT2
+
--------------------------------------
R
LO2
R
LO2
R
EXT2
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q2
2
---------------------
=
R
EXT2
R
G1
R
GI1
N
Q1
-------------
+
=
R
EXT2
R
G2
R
GI2
N
Q2
-------------
+
=
ISL6609, ISL6609A


Similar Part No. - ISL6609AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609AIBZ INTERSIL-ISL6609AIBZ Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609AIBZ INTERSIL-ISL6609AIBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6609AIBZ RENESAS-ISL6609AIBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6609AIBZ-T INTERSIL-ISL6609AIBZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6609AIBZ-T RENESAS-ISL6609AIBZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6609AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com