Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6612CRZ(Note2) Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6612CRZ(Note2)
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612CRZ(Note2) Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6612CRZ(Note2) Datasheet HTML 4Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 5Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 6Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 7Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 8Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 9Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 10Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 11Page - Intersil Corporation ISL6612CRZ(Note2) Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN9153.9
June 15, 2010
ISL6612, ISL6613
Small Outline Exposed Pad Plastic Packages (EPSOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
P1
12
3
P
BOTTOM VIEW
N
TOP VIEW
SIDE VIEW
M8.15B
8 LEAD NARROW BODY SMALL OUTLINE EXPOSED PAD
PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.056
0.066
1.43
1.68
-
A1
0.001
0.005
0.03
0.13
-
B
0.0138
0.0192
0.35
0.49
9
C
0.0075
0.0098
0.19
0.25
-
D
0.189
0.196
4.80
4.98
3
E
0.150
0.157
3.81
3.99
4
e
0.050 BSC
1.27 BSC
-
H
0.230
0.244
5.84
6.20
-
h
0.010
0.016
0.25
0.41
5
L
0.016
0.035
0.41
0.64
6
N8
8
7
α
-
P
-
0.094
-
2.387
11
P1
-
0.094
-
2.387
11
Rev. 4 1/09
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm (0.010
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: INCH. Converted millimeter dimensions
are not necessarily exact.
11. Dimensions “P” and “P1” are thermal and/or electrical enhanced
variations. Values shown are maximum size of exposed pad
within lead count and body size.


Similar Part No. - ISL6612CRZ(Note2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612CRZ INTERSIL-ISL6612CRZ Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CRZ INTERSIL-ISL6612CRZ Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CRZ RENESAS-ISL6612CRZ Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612CRZ-T INTERSIL-ISL6612CRZ-T Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CRZ-T RENESAS-ISL6612CRZ-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6612CRZ(Note2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com