Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6609ACBZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6609ACBZ-T
Description  Synchronous Rectified MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6609ACBZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6609ACBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6609ACBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9221.2
ISL6609, ISL6609A
Synchronous Rectified MOSFET Driver
The ISL6609, ISL6609A is a high frequency, MOSFET driver
optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology. This driver
combined with an Intersil ISL63xx or ISL65xx multiphase
PWM controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V),
minimizing driver switching losses in high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3nF load with less than
10ns rise/fall time. Bootstrapping of the upper gate driver is
implemented via an internal low forward drop diode,
reducing implementation cost, complexity, and allowing the
use of higher performance, cost effective N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
The ISL6609, ISL6609A features 4A typical sink current for
the lower gate driver, enhancing the lower MOSFET gate
hold-down capability during PHASE node rising edge,
preventing power loss caused by the self turn-on of the lower
MOSFET due to the high dV/dt of the switching node.
The ISL6609, ISL6609A also features an input that
recognizes a high-impedance state, working together with
Intersil multiphase PWM controllers to prevent negative
transients on the controlled output voltage when operation is
suspended. This feature eliminates the need for the schottky
diode that may be utilized in a power system to protect the
load from negative output voltage damage. In addition, the
ISL6609A’s bootstrap function is designed to prevent the
BOOT capacitor from overcharging, should excessively large
negative swings occur at the transitions of the PHASE node.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
•0.4
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Ultra Low Three-State Hold-Off Time (20ns)
• ISL6605 Replacement with Enhanced Performance
• BOOT Capacitor Overcharge Prevention (ISL6609A)
•Low VF Internal Bootstrap Diode
• Low Bias Supply Current
• Enable Input and Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-Free (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile High Efficiency DC/DC
Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Data Sheet
April 27, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006, 2009. All Rights Reserved. Intel® is a registered trademark of Intel Corporation.
AMD® is a registered trademark of Advanced Micro Devices, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6609ACBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609ACBZ-T INTERSIL-ISL6609ACBZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6609ACBZ-T RENESAS-ISL6609ACBZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6609ACBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com