Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6558EVAL2 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6558EVAL2
Description  Synchronous Rectified MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558EVAL2 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6558EVAL2 Datasheet HTML 1Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 2Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 3Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 4Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 5Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 6Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 7Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 8Page - Intersil Corporation ISL6558EVAL2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN9091.7
May 9, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT). . . . . . . -0.3V to 22V (DC) or 33V (<200ns)
BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . . . . . -0.3V to 7V
PHASE Voltage . . . . . . . . . . . . . . GND - 0.3V (DC) to 28V (<200ns)
. . . . . . . . . . GND - 5V (<100ns Pulse Width, 10
μJ) to 28V (<200ns)
UGATE Voltage . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT+0.3V
. . . . . . . VPHASE - 4V (<200ns Pulse Width, 20μJ) to VBOOT+0.3V
LGATE Voltage . . . . . . . . . . . . . . GND - 0.3V (DC) to VVCC + 0.3V
. . . . . . . . . . . GND - 2V (<100ns Pulse Width, 4
μJ) to VVCC + 0.3V
Ambient Temperature Range. . . . . . . . . . . . . . . . . . .-40°C to 125°C
ESD Rating
HBM Class 1 JEDEC STD
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
±10%
Thermal Information
Thermal Resistance (Notes 1, 2, & 3)
θJA(°C/W)
θJC(°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
110
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
95
36
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features.
3.
θJC, "case temperature" location is at the center of the package underside exposed pad. See Tech Brief TB379 for details.
Electrical Specifications These specifications apply for TA = -40°C to 85°C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
EN = LOW, TA = 0°C to 70°C
-
-
1.5
μA
EN = LOW, TA = -40°C to 85°C
-
-
2
μA
Bias Supply Current
IVCC
PWM pin floating, VVCC = 5V
-
30
-
μA
PWM INPUT
Input Current
IPWM
VPWM = 5V
-
250
-
μA
VPWM = 0V
-
-250
-
μA
PWM Three-State Rising Threshold
VVCC = 5V, TA = 0°C to 70°C
-
-
1.70
V
VVCC = 5V, TA = -40°C to 85°C
-
-
1.75
V
PWM Three-State Falling Threshold
VVCC = 5V
3.3
-
-
V
Three-State Shutdown Holdoff Time
VVCC = 5V, temperature = 25°C
-
420
-
ns
EN INPUT
EN LOW Threshold
1.0
-
-
V
EN HIGH Threshold
--
2.0
V
SWITCHING TIME
UGATE Rise Time
tRUGATE
VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Rise Time
tRLGATE
VVCC = 5V, 3nF Load
-
8
-
ns
UGATE Fall Time
tFUGATE
VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Fall Time
tFLGATE
VVCC = 5V, 3nF Load
-
4
-
ns
UGATE Turn-Off Propagation Delay
tPDLUGATE VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Turn-Off Propagation Delay
tPDLLGATE VVCC = 5V, 3nF Load
-
8
-
ns
OUTPUT
Upper Drive Source Resistance
RUGATE
500mA Source Current
-
1.0
2.5
Ω
Upper Driver Source Current (Note 4)
IUGATE
VUGATE-PHASE = 2.5V
-
2.0
-
A
Upper Drive Sink Resistance
RUGATE
500mA Sink Current
-
1.0
2.5
Ω
Upper Driver Sink Current (Note 4)
IUGATE
VUGATE-PHASE = 2.5V
-
2.0
-
A
Lower Drive Source Resistance
RLGATE
500mA Source Current
-
1.0
2.5
Ω
Lower Driver Source Current (Note 4)
ILGATE
VLGATE = 2.5V
-
2.0
-
A
Lower Drive Sink Resistance
RLGATE
500mA Sink Current
-
0.4
1.0
Ω
Lower Driver Sink Current (Note 4)
ILGATE
VLGATE = 2.5V
-
4.0
-
A
NOTE:
4. Guaranteed by design. Not 100% tested in production.
ISL6605


Similar Part No. - ISL6558EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6558EVAL2 INTERSIL-ISL6558EVAL2 Datasheet
474Kb / 16P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558EVAL2 INTERSIL-ISL6558EVAL2 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6558EVAL2 INTERSIL-ISL6558EVAL2 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6558EVAL2 RENESAS-ISL6558EVAL2 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
ISL6558EVAL2Z RENESAS-ISL6558EVAL2Z Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com