Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6605IR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6605IR
Description  Synchronous Rectified MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6605IR Datasheet(HTML) 6 Page - Intersil Corporation

  ISL6605IR Datasheet HTML 1Page - Intersil Corporation ISL6605IR Datasheet HTML 2Page - Intersil Corporation ISL6605IR Datasheet HTML 3Page - Intersil Corporation ISL6605IR Datasheet HTML 4Page - Intersil Corporation ISL6605IR Datasheet HTML 5Page - Intersil Corporation ISL6605IR Datasheet HTML 6Page - Intersil Corporation ISL6605IR Datasheet HTML 7Page - Intersil Corporation ISL6605IR Datasheet HTML 8Page - Intersil Corporation ISL6605IR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN9091.7
May 9, 2006
This driver is optimized for voltage regulators with large step
down ratio. The lower MOSFET is usually sized much larger
compared to the upper MOSFET because the lower
MOSFET conducts for a much longer time in a switching
period. The lower gate driver is therefore sized much larger
to meet this application requirement. The 0.4
Ω on-resistance
and 4A sink current capability enable the lower gate driver to
absorb the current injected to the lower gate through the
drain-to-gate capacitor of the lower MOSFET and prevent a
shoot through caused by the high dv/dt of the phase node.
Three-State PWM Input
A unique feature of the ISL6605 and other Intersil drivers is
the addition of a shutdown window to the PWM input. If the
PWM signal enters and remains within the shutdown window
for a set holdoff time, the output drivers are disabled and
both MOSFET gates are pulled and held low. The shutdown
state is removed when the PWM signal moves outside the
shutdown window. Otherwise, the PWM rising and falling
thresholds outlined in the ELECTRICAL SPECIFICATIONS
determine when the lower and upper gates are enabled.
Adaptive Shoot-Through Protection
Both drivers incorporate adaptive shoot-through protection
to prevent upper and lower MOSFETs from conducting
simultaneously and shorting the input supply. This is
accomplished by ensuring the falling gate has turned off one
MOSFET before the other is allowed to rise.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a 1V threshold, at which time the
UGATE is released to rise. Adaptive shoot-through circuitry
monitors the upper MOSFET gate voltage during UGATE
turn-off. Once the upper MOSFET gate-to-source voltage
has dropped below a threshold of 1V, the LGATE is allowed
to rise.
Internal Bootstrap Diode
This driver features an internal bootstrap Schottky diode.
Simply adding an external capacitor across the BOOT and
PHASE pins completes the bootstrap circuit.The bootstrap
capacitor can be chosen from the following equation:
where QGATE is the amount of gate charge required to fully
charge the gate of the upper MOSFET. The
ΔVBOOT term is
defined as the allowable droop in the rail of the upper drive.
The above relationship is illustrated in Figure 1.
As an example, suppose an upper MOSFET has a gate
charge, QGATE, of 65nC at 5V and also assume the droop in
the drive voltage over a PWM cycle is 200mV. One will find
that a bootstrap capacitance of at least 0.125
μF is required.
The next larger standard value capacitance is 0.15
μF. A
good quality ceramic capacitor is recommended.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency and total gate charge of the selected
MOSFETs. Calculating the power dissipation in the driver for
a desired application is critical to ensuring safe operation.
Exceeding the maximum allowable power dissipation level
will push the IC beyond the maximum recommended
operating junction temperature of 125°C. The maximum
allowable IC power dissipation for the SO-8 package is
approximately 800mW. When designing the driver into an
application, it is recommended that the following calculation
be performed to ensure safe operation at the desired
frequency for the selected MOSFETs. The power dissipated
by the driver is approximated as below and plotted as in
Figure 2.
where fsw is the switching frequency of the PWM signal. VU
and VL represent the upper and lower gate rail voltage. QU
and QL are the upper and lower gate charge determined by
MOSFET selection and any external capacitance added to
the gate pins. The IDDQ VCC product is the quiescent power
of the driver and is typically negligible.
CBOOT
QGATE
ΔVBOOT
------------------------
ΔVBOOT(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
QGATE = 100 nC
50nC
20nC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
50nC
20nC
QGATE=100nC
FIGURE 1. BOOTSTRAP CAPACITANCE vs. BOOT RIPPLE
VOLTAGE
Pfsw 1.5VUQU VLQL
+
() IDDQVCC
+
=
ISL6605


Similar Part No. - ISL6605IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605IR INTERSIL-ISL6605IR Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IR INTERSIL-ISL6605IR Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605IR RENESAS-ISL6605IR Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6605IR-T INTERSIL-ISL6605IR-T Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IRZ INTERSIL-ISL6605IRZ Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6605IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com