Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6609CRZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6609CRZ-T
Description  Synchronous Rectified MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6609CRZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6609CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6609CRZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN9221.2
April 27, 2009
Timing Diagram
Operation and Adaptive Shoot-Through Protection
Designed for high speed switching, the ISL6609, ISL6609A
MOSFET driver controls both high-side and low-side N-
Channel FETs from one externally provided PWM signal.
A rising transition on PWM initiates the turn-off of the lower
MOSFET (see “Timing Diagram”). After a short propagation
delay [tPDLL], the lower gate begins to fall. Typical fall times
[tFL] are provided in the “Electrical Specifications” table on
page 5. Adaptive shoot-through circuitry monitors the
LGATE voltage and turns on the upper gate following a short
delay time [tPDHU] after the LGATE voltage drops below
~1V. The upper gate drive then begins to rise [tRU] and the
upper MOSFET turns on.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLU] is encountered before the upper
gate begins to fall [tFU]. The adaptive shoot-through circuitry
monitors the UGATE-PHASE voltage and turns on the lower
MOSFET a short delay time, tPDHL, after the upper
MOSFET’s gate voltage drops below 1V. The lower gate then
rises [tRL], turning on the lower MOSFET. These methods
prevent both the lower and upper MOSFETs from conducting
simultaneously (shoot-through), while adapting the dead
time to the gate charge characteristics of the MOSFETs
being used.
This driver is optimized for voltage regulators with large step
down ratio. The lower MOSFET is usually sized larger
compared to the upper MOSFET because the lower MOSFET
conducts for a longer time during a switching period. The
lower gate driver is therefore sized much larger to meet this
application requirement. The 0.4
Ω ON-resistance and 4A sink
current capability enable the lower gate driver to absorb the
current injected into the lower gate through the drain-to-gate
capacitor of the lower MOSFET and help prevent shoot
through caused by the self turn-on of the lower MOSFET due
to high dV/dt of the switching node.
Three-State PWM Input
A unique feature of the ISL6609, ISL6609A is the adaptable
three-state PWM input. Once the PWM signal enters the
shutdown window, either MOSFET previously conducting is
turned off. If the PWM signal remains within the shutdown
window for longer than the gate turn-off propagation delay of
the previously conducting MOSFET, the output drivers are
disabled and both MOSFET gates are pulled and held low.
The shutdown state is removed when the PWM signal moves
outside the shutdown window. The PWM rising and falling
thresholds outlined in the “Electrical Specifications” table on
page 5 determine when the lower and upper gates are
enabled. During normal operation in a typical application, the
PWM rise and fall times through the shutdown window should
not exceed either output’s turn-off propagation delay plus the
MOSFET gate discharge time to ~1V. Abnormally long PWM
signal transition times through the shutdown window will
simply introduce additional dead time between turn off and
turn on of the synchronous bridge’s MOSFETs. For optimal
performance, no more than 100pF parasitic capacitive load
should be present on the PWM line of ISL6609, ISL6609A
(assuming an Intersil PWM controller is used).
Bootstrap Considerations
This driver features an internal bootstrap diode. Simply
adding an external capacitor across the BOOT and PHASE
pins completes the bootstrap circuit. The ISL6609A’s internal
PWM
UGATE
LGATE
tPDLL
tPDHU
tRU
tPDLU
tPDHL
tRL
1V
2.5V
tRU
tFU
tFL
1V
tPTS
tTSSHD
tTSSHD
tPTS
FIGURE 1. TIMING DIAGRAM
ISL6609, ISL6609A


Similar Part No. - ISL6609CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CRZ-T INTERSIL-ISL6609CRZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6609CRZ-T RENESAS-ISL6609CRZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6609CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com