Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6596IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6596IRZ
Description  Synchronous Rectified MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6596IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6596IRZ Datasheet HTML 3Page - Intersil Corporation ISL6596IRZ Datasheet HTML 4Page - Intersil Corporation ISL6596IRZ Datasheet HTML 5Page - Intersil Corporation ISL6596IRZ Datasheet HTML 6Page - Intersil Corporation ISL6596IRZ Datasheet HTML 7Page - Intersil Corporation ISL6596IRZ Datasheet HTML 8Page - Intersil Corporation ISL6596IRZ Datasheet HTML 9Page - Intersil Corporation ISL6596IRZ Datasheet HTML 10Page - Intersil Corporation ISL6596IRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN9240.1
January 22, 2010
Operation and Adaptive Shoot-Through Protection
Designed for high speed switching, the ISL6596 MOSFET
driver controls both high-side and low-side N-Channel FETs
from one externally provided PWM signal.
A rising transition on PWM initiates the turn-off of the lower
MOSFET (see “Timing Diagram” on page 6). After a short
propagation delay [tPDLL], the lower gate begins to fall.
Typical fall times [tFL] are provided in the “Electrical
Specifications” table on page 4. Adaptive shoot-through
circuitry monitors the LGATE voltage and turns on the upper
gate following a short delay time [tPDHU] after the LGATE
voltage drops below ~1V. The upper gate drive then begins to
rise [tRU] and the upper MOSFET turns on.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLU] is encountered before the upper gate
begins to fall [tFU]. The adaptive shoot-through circuitry
monitors the UGATE-PHASE voltage and turns on the lower
MOSFET a short delay time, tPDHL, after the upper MOSFET’s
gate voltage drops below 1V. The lower gate then rises [tRL],
turning on the lower MOSFET. These methods prevent both the
lower and upper MOSFETs from conducting simultaneously
(shoot-through), while adapting the dead time to the gate
charge characteristics of the MOSFETs being used.
This driver is optimized for voltage regulators with large step
down ratio. The lower MOSFET is usually sized larger
compared to the upper MOSFET because the lower
MOSFET conducts for a longer time during a switching
period. The lower gate driver is therefore sized much larger
to meet this application requirement. The 0.4
Ω on-resistance
and 4A sink current capability enable the lower gate driver to
absorb the current injected into the lower gate through the
drain-to-gate capacitor of the lower MOSFET and help
prevent shoot through caused by the self turn-on of the lower
MOSFET due to high dV/dt of the switching node.
PWM Input and Threshold Control
A unique feature of the ISL6596 is the programmable PWM
logic threshold set by the control pin (VCTRL) voltage. The
VCTRL pin should connect to the VCC of the controller, thus
the PWM logic threshold follows with the voltage level of the
controller. For 5V applications, this pin can tie to the driver
VCC and simplify the routing.
The ISL6596 also features the adaptable tri-state PWM input.
Once the PWM signal enters the shutdown window, either
MOSFET previously conducting is turned off. If the PWM signal
remains within the shutdown window for longer than the gate
turn-off propagation delay of the previously conducting
MOSFET, the output drivers are disabled and both MOSFET
gates are pulled and held low. The shutdown state is removed
when the PWM signal moves outside the shutdown window.
The PWM rising and falling thresholds outlined in the “Electrical
Specifications” on page 4 determine when the lower and upper
gates are enabled. During normal operation in a typical
application, the PWM rise and fall times through the shutdown
window should not exceed either output’s turn-off propagation
delay plus the MOSFET gate discharge time to ~1V.
Abnormally long PWM signal transition times through the
shutdown window will simply introduce additional dead time
between turn off and turn on of the synchronous bridge’s
MOSFETs. For optimal performance, no more than 50pF
parasitic capacitive load should be present on the PWM line of
ISL6596 (assuming an Intersil PWM controller is used).
Bootstrap Considerations
This driver features an internal bootstrap diode. Simply
adding an external capacitor across the BOOT and PHASE
pins completes the bootstrap circuit.
Equation 1 helps select a proper bootstrap capacitor size:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔVBOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive.
As an example, suppose two IRLR7821 FETs are chosen as
the upper MOSFETs. The gate charge, QG, from the data
sheet is 10nC at 4.5V (VGS) gate-source voltage. Then the
QGATE is calculated to be 22nC at VCC level. We will
assume a 200mV droop in drive voltage over the PWM
cycle. We find that a bootstrap capacitance of at least
0.110µF is required. The next larger standard value
capacitance is 0.22µF. A good quality ceramic capacitor is
recommended.
C
BOOT_CAP
Q
GATE
ΔV
BOOT_CAP
--------------------------------------
Q
GATE
Q
G1
VCC
V
GS1
-------------------------------
N
Q1
=
(EQ. 1)
20nC
ΔV
BOOT_CAP (V)
2.0
1.6
1.4
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.2
1.8
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
ISL6596


Similar Part No. - ISL6596IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6596IRZ INTERSIL-ISL6596IRZ Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6596IRZ RENESAS-ISL6596IRZ Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
ISL6596IRZ-T RENESAS-ISL6596IRZ-T Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6596IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com