Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6596CBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6596CBZ
Description  Synchronous Rectified MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6596CBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6596CBZ Datasheet HTML 1Page - Intersil Corporation ISL6596CBZ Datasheet HTML 2Page - Intersil Corporation ISL6596CBZ Datasheet HTML 3Page - Intersil Corporation ISL6596CBZ Datasheet HTML 4Page - Intersil Corporation ISL6596CBZ Datasheet HTML 5Page - Intersil Corporation ISL6596CBZ Datasheet HTML 6Page - Intersil Corporation ISL6596CBZ Datasheet HTML 7Page - Intersil Corporation ISL6596CBZ Datasheet HTML 8Page - Intersil Corporation ISL6596CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN9240.1
January 22, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC, VCTRL) . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT-GND). . . -0.3V to 25V (DC) or 36V (<200ns)
BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . -0.3V to 7V (DC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 9V (<10ns)
PHASE Voltage . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 15V (DC)
. . . . . . . . . GND -8V (<20ns Pulse Width, 10µJ) to 30V (<100ns)
UGATE Voltage . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
. . . . . . . . . . . VPHASE - 5V (<20ns Pulse Width, 10µJ) to VBOOT
LGATE Voltage . . . . . . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V
. . . . . . . . . . GND - 2.5V (<20ns Pulse Width, 5µJ) to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +125°C
HBM ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance
θJA (°C/W)
θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
110
N/A
DFN Package (Notes 2, 3) . . . . . . . . . .
48
7
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . -40°C to +100°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features.
3.
θJC, "case temperature" location is at the center of the package underside exposed pad. See Tech Brief TB379 for details.
Electrical Specifications
These specifications apply for “Recommended Operating Conditions” on page 4, unless otherwise
noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 5) TYP
MAX
(Note 5) UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
PWM pin floating, VVCC = 5V
-
190
-
µA
POR Rising
-3.4
4.2
POR Falling
2.2
3.0
-
Hysteresis
-
400
-
mV
VCTRL INPUT
Rising Threshold
-
2.75
2.90
V
Falling Threshold
2.4
2.65
-
V
PWM INPUT
Sinking Impedance
RPWM_SNK
-3.5
-
k
Ω
Source Impedance
RPWM_SRC
-3.5
-
k
Ω
Tri-State LowerThreshold
VVCTRL = 3.3V (-110mV Hysteresis)
-
1.1
-
V
VVCTRL = 5V (-250mV Hysteresis)
-
1.5
-
V
Tri-State Upper Threshold
VVCTRL = 3.3V (+110mV Hysteresis)
-
1.9
-
V
VVCTRL = 5V (+250mV Hysteresis)
-
3.25
-
V
Tri-State Shutdown Holdoff Time
tTSSHD
tPDLU or tPDLL + Gate Falling Time
-
20
-
ns
SWITCHING TIME (See Figure 1 on page 6)
UGATE Rise Time (Note 4)
tRU
VVCC = 5V, 3nF Load
-
8.0
-
ns
LGATE Rise Time (Note 4)
tRL
VVCC = 5V, 3nF Load
-
8.0
-
ns
UGATE Fall Time (Note 4)
tFU
VVCC = 5V, 3nF Load
-
8.0
-
ns
LGATE Fall Time (Note 4)
tFL
VVCC = 5V, 3nF Load
-
4.0
-
ns
UGATE Turn-Off Propagation Delay
tPDLU
VVCC = 5V, Outputs Unloaded
-
20
-
ns
LGATE Turn-Off Propagation Delay
tPDLL
VVCC = 5V, Outputs Unloaded
-
15
-
ns
UGATE Turn-On Propagation Delay
tPDHU
VVCC = 5V, Outputs Unloaded
-
19
-
ns
ISL6596


Similar Part No. - ISL6596CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6596CBZ RENESAS-ISL6596CBZ Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6596CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com