Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C5504AZCH12 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMX320C5504AZCH12
Description  TMS320C5504 Fixed-Point Digital Signal Processor
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C5504AZCH12 Datasheet(HTML) 5 Page - Texas Instruments

  TMX320C5504AZCH12 Datasheet HTML 1Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 2Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 3Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 4Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 5Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 6Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 7Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 8Page - Texas Instruments TMX320C5504AZCH12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
TMS320C5504
www.ti.com
SPRS659G – AUGUST 2010 – REVISED SEPTEMBER 2013
1
Fixed-Point Digital Signal Processor
............... 1
5.1
Parameter Information
.............................. 66
5.2
Recommended Clock and Control Signal Transition
1.1
Features
............................................. 1
Behavior
............................................ 66
1.2
Applications
.......................................... 2
5.3
Power Supplies
..................................... 67
1.3
Description
........................................... 2
5.4
External Clock Input From RTC_XI, CLKIN, and
1.4
Functional Block Diagram
........................... 4
USB_MXI Pins
...................................... 70
Revision History
.............................................. 6
5.5
Clock PLLs
......................................... 74
2
Device Overview
........................................ 8
5.6
Direct Memory Access (DMA) Controller
........... 77
2.1
Device Characteristics
............................... 8
5.7
Reset
............................................... 78
2.2
C55x CPU
.......................................... 10
5.8
Interrupts and XF
................................... 80
2.3
Memory Map Summary
............................ 14
5.9
External Memory Interface (EMIF)
................. 82
2.4
Pin Assignments
.................................... 15
5.10
Multimedia Card/Secure Digital (MMC/SD)
........ 97
2.5
Terminal Functions
................................. 16
5.11
Real-Time Clock (RTC)
........................... 102
3
Device Configuration
................................. 45
5.12
Inter-Integrated Circuit (I2C)
...................... 106
3.1
System Registers
................................... 45
5.13
Universal Asynchronous Receiver/Transmitter
3.2
Power Considerations
.............................. 46
(UART)
............................................ 110
3.3
Clock Considerations
............................... 47
5.14
Inter-IC Sound (I2S)
............................... 112
3.4
Boot Sequence
..................................... 49
5.15
Serial Port Interface (SPI)
......................... 119
3.5
Configurations at Reset
............................ 52
5.16
Universal Serial Bus (USB) 2.0 Controller
........ 122
3.6
Configurations After Reset
......................... 52
5.17
General-Purpose Timers
.......................... 129
3.7
Multiplexed Pin Configurations
..................... 55
5.18
General-Purpose Input/Output
.................... 131
3.8
Debugging Considerations
......................... 59
5.19
IEEE 1149.1 JTAG
................................ 135
4
Device Operating Conditions
....................... 61
6
Device and Documentation Support
............. 137
4.1
Absolute Maximum Ratings Over Operating Case
6.1
Device Support
.................................... 137
Temperature Range (Unless Otherwise Noted)
.... 61
6.2
Community Resources
............................ 138
4.2
Recommended Operating Conditions
.............. 62
7
Mechanical Packaging and Orderable
4.3
Electrical Characteristics Over Recommended
Information
............................................ 139
Ranges of Supply Voltage and Operating
7.1
Thermal Data for ZCH
............................ 139
Temperature (Unless Otherwise Noted)
........... 63
7.2
Packaging Information
............................ 139
5
Peripheral Information and Electrical
Specifications
.......................................... 66
Copyright © 2010–2013, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Links: TMS320C5504


Similar Part No. - TMX320C5504AZCH12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C5504AZCH12 TI-TMX320C5504AZCH12 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C5504AZCH12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com