Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9866101QXA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9866101QXA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9866101QXA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-9866101QXA Datasheet HTML 5Page - Texas Instruments 5962-9866101QXA Datasheet HTML 6Page - Texas Instruments 5962-9866101QXA Datasheet HTML 7Page - Texas Instruments 5962-9866101QXA Datasheet HTML 8Page - Texas Instruments 5962-9866101QXA Datasheet HTML 9Page - Texas Instruments 5962-9866101QXA Datasheet HTML 10Page - Texas Instruments 5962-9866101QXA Datasheet HTML 11Page - Texas Instruments 5962-9866101QXA Datasheet HTML 12Page - Texas Instruments 5962-9866101QXA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
SMJ320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SGUS060A − DECEMBER 2007 − REVISED JULY 2009
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
HOST PORT INTERFACE (HPI)
HINT
H2
O/Z
Host interrupt (from DSP to host)
HCNTL1
J6
I
Host control − selects between control, address or data registers
HCNTL0
H6
I
Host control − selects between control, address or data registers
HHWIL
E4
I
Host halfword select − first or second halfword (not necessarily high or low order)
HBE1
G6
I
Host byte select within word or half-word
HBE0
F6
I
Host byte select within word or half-word
HR/W
D4
I
Host read or write select
HD15
D11
HD14
B11
HD13
A11
HD12
G9
HD11
D10
HD10
A10
HD9
C10
HD8
B9
I/O/Z
Host port data (used for transfer of data, address and control)
HD7
F9
I/O/Z
Host port data (used for transfer of data, address and control)
HD6
C9
HD5
A9
HD4
B8
HD3
D9
HD2
D8
HD1
B7
HD0
C7
HAS
L6
I
Host address strobe
HCS
C5
I
Host chip select
HDS1
C4
I
Host data strobe 1
HDS2
K6
I
Host data strobe 2
HRDY
H3
O
Host ready (from DSP to host)
BOOT MODE
BOOTMODE4
B16
BOOTMODE3
G14
BOOTMODE2
F15
I
Boot mode
BOOTMODE1
C18
I
Boot mode
BOOTMODE0
D17
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


Similar Part No. - 5962-9866101QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9866101QXA TI-5962-9866101QXA Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - 5962-9866101QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com