Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1009M Datasheet(PDF) 3 Page - Texas Instruments

Part # LT1009M
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1009M Datasheet(HTML) 3 Page - Texas Instruments

  LT1009M_15 Datasheet HTML 1Page - Texas Instruments LT1009M_15 Datasheet HTML 2Page - Texas Instruments LT1009M_15 Datasheet HTML 3Page - Texas Instruments LT1009M_15 Datasheet HTML 4Page - Texas Instruments LT1009M_15 Datasheet HTML 5Page - Texas Instruments LT1009M_15 Datasheet HTML 6Page - Texas Instruments LT1009M_15 Datasheet HTML 7Page - Texas Instruments LT1009M_15 Datasheet HTML 8Page - Texas Instruments LT1009M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Q14
Q11
Q13
Q12
Q9
Q10
Q8
Q7
Q2
Q1
Q3
Q4
Q5
Q6
ANODE
CATHODE
ADJ
30 k
500
720
10 k
20 pF
30 pF
24 k
24 k
6.6 k
6.6 k
LT1009M
www.ti.com
SLVS925A – APRIL 2009 – REVISED JULY 2013
Figure 2. SCHEMATIC
NOTE: All component values shown are nominal.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IR
Reverse current
20
mA
IF
Forward current
10
mA
TJ
Operating virtual junction temperature(2)
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
TA
Operating free-air temperature range
–55
125
°C
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LT1009M


Similar Part No. - LT1009M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1009MH LINER-LT1009MH Datasheet
140Kb / 8P
   2.5V Reference
LT1009MH LINER-LT1009MH Datasheet
119Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Texas Instruments
LT1009MKGD1 TI1-LT1009MKGD1 Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236 TI-LM236 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
   2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
NTE Electronics
NTE998 NTE-NTE998 Datasheet
19Kb / 2P
   Integrated Circuit 1.22V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com