Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3359 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM3359
Description  AM335x Sitara Processors
Download  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 1 Page - Texas Instruments

  AM3359_15 Datasheet HTML 1Page - Texas Instruments AM3359_15 Datasheet HTML 2Page - Texas Instruments AM3359_15 Datasheet HTML 3Page - Texas Instruments AM3359_15 Datasheet HTML 4Page - Texas Instruments AM3359_15 Datasheet HTML 5Page - Texas Instruments AM3359_15 Datasheet HTML 6Page - Texas Instruments AM3359_15 Datasheet HTML 7Page - Texas Instruments AM3359_15 Datasheet HTML 8Page - Texas Instruments AM3359_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 248 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352
SPRS717H – OCTOBER 2011 – REVISED MAY 2015
AM335x Sitara™ Processors
1
Device Overview
1.1
Features
1
– Supports Protocols such as EtherCAT®,
• Up to 1-GHz Sitara™ ARM® Cortex®-A8 32
‑Bit
PROFIBUS, PROFINET, EtherNet/IP™, and
RISC Processor
More
– NEON™ SIMD Coprocessor
– Two Programmable Real-Time Units (PRUs)
– 32KB of L1 Instruction and 32KB of Data Cache
32-Bit Load/Store RISC Processor Capable
With Single-Error Detection (Parity)
of Running at 200 MHz
– 256KB of L2 Cache With Error Correcting Code
8KB of Instruction RAM With Single-Error
(ECC)
Detection (Parity)
– 176KB of On-Chip Boot ROM
8KB of Data RAM With Single-Error
– 64KB of Dedicated RAM
Detection (Parity)
– Emulation and Debug - JTAG
Single-Cycle 32-Bit Multiplier With 64-Bit
– Interrupt Controller (up to 128 Interrupt
Accumulator
Requests)
Enhanced GPIO Module Provides Shift-
• On-Chip Memory (Shared L3 RAM)
In/Out Support and Parallel Latch on
– 64KB of General-Purpose On-Chip Memory
External Signal
Controller (OCMC) RAM
– 12KB of Shared RAM With Single-Error
– Accessible to All Masters
Detection (Parity)
– Supports Retention for Fast Wakeup
– Three 120-Byte Register Banks Accessible by
• External Memory Interfaces (EMIF)
Each PRU
– mDDR(LPDDR), DDR2, DDR3, DDR3L
– Interrupt Controller Module (INTC) for Handling
Controller:
System Input Events
mDDR: 200-MHz Clock (400-MHz Data
– Local Interconnect Bus for Connecting Internal
Rate)
and External Masters to the Resources Inside
DDR2: 266-MHz Clock (532-MHz Data Rate)
the PRU-ICSS
DDR3: 400-MHz Clock (800-MHz Data Rate)
– Peripherals Inside the PRU-ICSS:
DDR3L: 400-MHz Clock (800-MHz Data
One UART Port With Flow Control Pins,
Rate)
Supports up to 12 Mbps
16-Bit Data Bus
One Enhanced Capture (eCAP) Module
1GB of Total Addressable Space
Two MII Ethernet Ports that Support
Industrial Ethernet, such as EtherCAT
Supports One x16 or Two x8 Memory Device
Configurations
One MDIO Port
– General-Purpose Memory Controller (GPMC)
• Power, Reset, and Clock Management (PRCM)
Module
Flexible 8-Bit and 16-Bit Asynchronous
Memory Interface With up to Seven Chip
– Controls the Entry and Exit of Stand-By and
Selects (NAND, NOR, Muxed-NOR, SRAM)
Deep-Sleep Modes
Uses BCH Code to Support 4-, 8-, or 16-Bit
– Responsible for Sleep Sequencing, Power
ECC
Domain Switch-Off Sequencing, Wake-Up
Sequencing, and Power Domain Switch-On
Uses Hamming Code to Support 1-Bit ECC
Sequencing
– Error Locator Module (ELM)
– Clocks
Used in Conjunction With the GPMC to
Integrated 15- to 35-MHz High-Frequency
Locate Addresses of Data Errors from
Oscillator Used to Generate a Reference
Syndrome Polynomials Generated Using a
Clock for Various System and Peripheral
BCH Algorithm
Clocks
Supports 4-, 8-, and 16-Bit per 512-Byte
Supports Individual Clock Enable and
Block Error Location Based on BCH
Disable Control for Subsystems and
Algorithms
Peripherals to Facilitate Reduced Power
• Programmable Real-Time Unit Subsystem and
Consumption
Industrial Communication Subsystem (PRU-ICSS)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM3359_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Similar Description - AM3359_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com