Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3548TA2 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM3548TA2
Description  UNIVERSAL SOURCE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3548TA2 Datasheet(HTML) 6 Page - New Japan Radio

  NJM3548TA2 Datasheet HTML 1Page - New Japan Radio NJM3548TA2 Datasheet HTML 2Page - New Japan Radio NJM3548TA2 Datasheet HTML 3Page - New Japan Radio NJM3548TA2 Datasheet HTML 4Page - New Japan Radio NJM3548TA2 Datasheet HTML 5Page - New Japan Radio NJM3548TA2 Datasheet HTML 6Page - New Japan Radio NJM3548TA2 Datasheet HTML 7Page - New Japan Radio NJM3548TA2 Datasheet HTML 8Page - New Japan Radio NJM3548TA2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJM3548
s ELECTRICAL CHARACTERISTICS
At 5 V
≤ V
CC ≤ 40 V, -40°C ≤ TJ ≤ +100°C. Typical values are given at VCC = 24 V, TJ = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
General
Supply currrent
I
CC
2.0
≤ V
IN ≤ VCC
1.5
4
7
mA
Thermal shutdown
T
JS
-
+130
-
°C
Logic input
High level input voltage
V
IH
2.0
-
V
CC
V
Low level input voltage
V
IL
-0.3
-
0.8
V
High level input current
I
IH
2.0
≤ V
IN ≤ VCC
--
20
µA
Low level input current
I
IH
0
≤ V
IN ≤ 0.8
-400
-4
-
µA
Outputs
Error output saturation voltage
V
Err SAT
I
Err = 5 mA
-
0.2
1
V
Output saturation voltage
V
CE SAT
I
OUT = -2
A
-
1.9
2.4
V
Output current shutdown
I
OS
0
≤ V
IN ≤ 0.8 V
-5.0
-3.5
-2.0
A
Output current
I
OMIN
0
≤ V
IN ≤ 0.8 V
-8
-3
-1
mA
(not detected as open circuit)
Output leakage current
I
OL
2.0
≤ V
IN ≤ VCC. Output = VCC
-2
-6
-8
µA
Clamping diode forward voltage
I
F = 2.0 A
-
1.5
1.8
V
Timing
Propagation time
I
OUT = - 2 A
Output low to high (50%),
t
plh
-
0.6
1.0
µs
Output high to low (50%),
t
phl
-
0.5
1.0
µs
Rise time (10 to 90%),
t
or
-
0.6
1.0
µs
Fall time (90 to 10%),
t
of
-
0.2
0.4
µs
s THERMAL CHARATERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Thermal resistance
Rth
J-C
TO-220 package, junction to case
-
5
-
°C/W
Rth
J-A
TO-220 package, junction to ambient
-
60
-
°C/W
Notes:
1. Currents are defined positive if flowing into, and negative if flowing out of a terminal. Voltages are defined
between terminal and ground.
2. ESD testing according to Human Body Model (C
Zap = 100 pF, RZap = 1500 Ω)


Similar Part No. - NJM3548TA2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3545 NJRC-NJM3545 Datasheet
124Kb / 9P
   UNIVERSAL SINK DRIVER
NJM3545TA2 NJRC-NJM3545TA2 Datasheet
124Kb / 9P
   UNIVERSAL SINK DRIVER
More results

Similar Description - NJM3548TA2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES51 TOTAL-POWER-TPES51 Datasheet
410Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCE
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
Rohm
BU95303 ROHM-BU95303 Datasheet
434Kb / 15P
   6bit RSDS Source Driver
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
List of Unclassifed Man...
NT3980 ETC-NT3980 Datasheet
119Kb / 13P
   TFT LCD Source Driver
logo
Rohm
BU95408 ROHM-BU95408 Datasheet
314Kb / 15P
   6bit RSDS Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com