Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE68 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # P6KE68
Description  600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P6KE68 Datasheet(HTML) 1 Page - Micro Commercial Components

  P6KE68 Datasheet HTML 1Page - Micro Commercial Components P6KE68 Datasheet HTML 2Page - Micro Commercial Components P6KE68 Datasheet HTML 3Page - Micro Commercial Components P6KE68 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l
Economical series
l
Available in both unidirectional and bidirectional construction
l
6.8 to 440 stand-off volts available
l
600 watts peak pulse power dissipation
Mechanical Characteristics
l
CASE: Void free transfer molded thermosetting plastic
l
FINISH: Silver plated copper readily solderable.
l
POLARITY: Banded denotes cathode. Bidirectional not marked.
l
WEIGHT: 0.7 Gram(Appx.).
l
MOUNTING POSITION: Any.
Maximum Ratings
Peak Pulse Power Dissipation at 25
oC: 600Watts
Steady State Power Dissipatoin:5 Watts at TL=+75
oC
3/8” Lead Length
tclamping (0 Volts to BV Min.):
Unidirectional<1x10
-12 Seconds; Bidirectoinal<5x10-9 Seconds.
Operating and Storage Temperature: -55
oC to +150oC
APPLICATION
This TVS is an economical, molded, commercial product voltage-
sensitive components from destruction or partial degradation. The
response time of their clamping action is virtually instantaneous(
1X10
-12 seconds) and they have a peak pulse power rating of 600
watts for 1 ms as depicted in Figure 1 and 2. MCC also offers
various varieties of TVS to meet higher and lower power demands
and special applications.
NOTES:Forward Voltage (Vf)@!50 amps peak, 8.3 msec sine
wave equal to 3.5 volts max. (For unidirectional only)
For Bidirectional Construction, indicate a C or CA suffix
after part number,i.e.P6KE440CA.
Capacitance will be 1/2 that shown in Figure 4.
P6KE6.8
THRU
P6KE440A
600WATTS TRANSIENT
VOLTAGE SUPPRESSOR
6.8 TO 440 VOLTS
DO-15
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.028
.034
.70
.90
D
1.000
---
25.40
---
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - P6KE68

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE68 PANJIT-P6KE68 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yea Shin Technology Co....
P6KE68 YEASHIN-P6KE68 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
P6KE68 TSC-P6KE68 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE68 MICROSEMI-P6KE68 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
UN Semiconducctor INC
P6KE68 UNSEMI-P6KE68 Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - P6KE68

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
DAESAN ELECTRONIC CORP.
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com