Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3545TA2 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM3545TA2
Description  UNIVERSAL SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545TA2 Datasheet(HTML) 8 Page - New Japan Radio

  NJM3545TA2 Datasheet HTML 1Page - New Japan Radio NJM3545TA2 Datasheet HTML 2Page - New Japan Radio NJM3545TA2 Datasheet HTML 3Page - New Japan Radio NJM3545TA2 Datasheet HTML 4Page - New Japan Radio NJM3545TA2 Datasheet HTML 5Page - New Japan Radio NJM3545TA2 Datasheet HTML 6Page - New Japan Radio NJM3545TA2 Datasheet HTML 7Page - New Japan Radio NJM3545TA2 Datasheet HTML 8Page - New Japan Radio NJM3545TA2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM3545
Figure 12. Maximum allowable power
dissipation. TO 220 package
Figure 11. Typical application. Pin numbers refer to TO 220 package
Vcc
Output
2
Thermal
protection
Short-circuit to
V
protection
Open circuit
detection
Q
R
S
Voltage reference
To logic
5
4
3
GND
1
NJM3545
Input
Error
6.8
µF
+
Load
Supply voltage +45 V max.
TTL,
LS-TTL,
CMOS
µP,
controller
5 k
+ 5 V
R
1
2
R
cc
Short-circuit to
GND detection
Maximum allowable power dissipation [W]
-40
-20
0
20
40
60
80
100 120 140
Temperature [
°C]
0
1
2
3
4
5
6
TO 220 Package
a
b
c
*
a. Ambient temperature. No heatsink. Rth
=60
°C/W.
b. Mounted on heatsink. Rth
=20
°C/W @ 4W.
c. Case temperature. Rth
=5
°C/W.
J-A
J-A
J-C


Similar Part No. - NJM3545TA2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
NJM3548TA2 NJRC-NJM3548TA2 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
More results

Similar Description - NJM3545TA2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
   Universal Relay Driver
06/23/16
logo
Sanken electric
SLA4052 SANKEN-SLA4052 Datasheet
121Kb / 3P
   Sink Driver Arrays
SLA4051 SANKEN-SLA4051 Datasheet
121Kb / 3P
   Sink Driver Arrays
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com