Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3545 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 9 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NJM3545
s TYPICAL CHARACTERISTICS
Figure 13. Current consumption vs.
supply voltage at 0 V
≤ V
in ≤ 0.8 V
(Inactive output)
Figure 15. Input current vs. input
voltage
5 V
≤ V
CC ≤ 40 V
Figure 14. Diode forward voltage drop
vs. forward current
Figure 17. Output saturation voltage vs.
output current. 5 V < V
CC < 40 V
Figure 16. Error output saturation
voltage vs. error current. V
CC = 24 V
Figure 18. Output leakage current vs
supply voltage. 0 V
≤ V
IN ≤ 0.8 V
Output = 0 V
Figure 19. Power dissipation vs. output
current
Figure 20. Typical output current shut-down vs. chip temperature. 5 V
≤ V
CC ≤ 40 V
010
20
30
40
50
Vcc (V)
0
2
4
6
8
10
Icc (mA)
-40
°C < T
J < 100°C
0
0.4
0.8
1.2
1.6
2.0
VF (V)
0
0.4
0.8
1.2
1.6
2.0
IF (A)
TJ = 25°C
0
0.5
1.0
1.5
2.0
2.5
V
IN (V)
0
4
8
12
16
20
-40
°C < T
J < 100°C
I IN (µ A)
02
46
8
10
V
ERR (V)
0
4
8
12
16
20
IERR (mA)
TJ = 25°C
0.4
0.8
1.2
1.6
2.0
2.4
VCE SAT (V)
0
1
2
3
4
5
I
OUT(A)
=
TJ = 25°C
010
20
30
40
50
V
CC (V)
0
-4
-8
-12
-16
-20
-40
°C < T
J < 100°C
I
OL (µ A)
0
0.5
1.0
1.5
2.0
3.0
I
OUT (A)
0
1
2
3
4
6
PDIS (W)
2.5
5
-40
-20
0
20
40
60
T
J (°C)
0
1
2
3
4
5
I
OS (A)
80
100
120
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJM3545

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
NJM3548TA2 NJRC-NJM3548TA2 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
More results

Similar Description - NJM3545

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
   Universal Relay Driver
06/23/16
logo
Sanken electric
SLA4052 SANKEN-SLA4052 Datasheet
121Kb / 3P
   Sink Driver Arrays
SLA4051 SANKEN-SLA4051 Datasheet
121Kb / 3P
   Sink Driver Arrays
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com