Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC125AG-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC125AG-P14-R
Description  QUADRUPLE BUS BUFFER GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC125AG-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC125AG-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC125AG-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC125AG-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC125AG-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC125AG-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC125A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-182.D
DYNAMIC CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A) to output (Y)
tPLH/tPHL
VCC= 1.8V±0.15V
1
4.5
11.8
ns
VCC= 2.5V±0.2V
1
2.7
5.8
ns
VCC= 2.7V
1
3
5.3
ns
VCC= 3.3V±0.3V
1
2.5
4.6
ns
Output enable time from input
( ΟΕ ) to output (Y)
tPZL/tPZH
VCC= 1.8V±0.15V
1
4.3
13.8
ns
VCC= 2.5V±0.2V
1
2.7
6.9
ns
VCC= 2.7V
1
3.3
6.4
ns
VCC= 3.3V±0.3V
1
2.4
5.2
ns
Output disable time from input
( ΟΕ ) to output (Y)
tPLZ/tPHZ
VCC= 1.8V±0.15V
1
4.3
10.6
ns
VCC= 2.V5±0.2V
1
2.2
5.1
ns
VCC= 2.7V
1
2.5
4.8
ns
VCC= 3.3V±0.3V
1
2.4
4.4
ns
OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=1.8V, f=10MHz
7.4
pF
VCC=2.5V, f=10MHz
11.3
pF
VCC=3.3V, f=10MHz
15
pF


Similar Part No. - U74LVC125AG-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC125AG-P14-R UTC-U74LVC125AG-P14-R Datasheet
197Kb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
U74LVC125AG-P14-R UTC-U74LVC125AG-P14-R Datasheet
246Kb / 5P
   QUADRUPLE BUS BUFFER GATE
More results

Similar Description - U74LVC125AG-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F125 TI-SN74F125_07 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
   QUADRUPLE BUS BUFFER GATE
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125Q TI-SN74AHC125Q Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com