Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIC6C595 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NPIC6C595
Description  Power logic 8-bit shift register; open-drain outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NPIC6C595 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NPIC6C595_15 Datasheet HTML 3Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 4Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 5Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 6Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 7Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 8Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 9Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 10Page - NXP Semiconductors NPIC6C595_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NPIC6C595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 August 2012
7 of 20
NXP Semiconductors
NPIC6C595
Power logic 8-bit shift register; open-drain outputs
[1]
This technique should limit Tj  Tamb to 10 C maximum.
[2]
These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
[3]
Nominal output current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at Tamb = 85 C.
VOL
LOW-level output
voltage
serial data output Q7S; VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
0.005
0.1
V
IO =4mA; VCC = 4.5 V
-
0.3
0.5
V
IIH
HIGH-level input
current
VCC = 5.5 V; VI =VCC
--
1
A
IIL
LOW-level input
current
VCC = 5.5 V; VI =0 V
-
-
1
A
V(BR)DSS drain-source
breakdown
voltage
ID = 1 mA
33
37
-
V
VSD
source-drain
voltage
diode forward voltage; IF = 100 mA
-
0.85
1.2
V
ICC
supply current
logic supply current; VCC = 5.5 V;
VI =VCC or GND
all outputs off
-
0.004
200
A
all outputs on
-
0.006
500
A
all outputs off; SHCP = 5 MHz; CL = 30 pF;
see Figure 14 and Figure 16
-0.75
5
mA
IO(nom)
nominal output
current
VDS = 0.5 V; Tamb =85 C; Iout = ID
[1][2][3]
-
140
-
mA
IDSX
drain cut-off
current
VCC = 5.5 V; VDS = 30 V
-
0.002
0.2
A
VCC = 5.5 V; VDS = 30 V; Tamb = 125 C
-
0.15
0.3
A
RDSon
drain-source
on-state
resistance
see Figure 17 and Figure 18
[1][2]
VCC = 4.5 V; ID = 50 mA
-
3.0
9
VCC = 4.5 V; ID = 50 mA; Tamb = 125 C5.4
12
VCC = 4.5 V; ID = 100 mA
-
3.1
10
Table 5.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
VCC = 5.0 V; Tamb = 25 C
Unit
Min
Typ
Max


Similar Part No. - NPIC6C595_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NPIC6C595-Q100 NXP-NPIC6C595-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
NPIC6C595-Q100 NEXPERIA-NPIC6C595-Q100 Datasheet
283Kb / 19P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2 - 9 June 2020
NPIC6C595BQ NEXPERIA-NPIC6C595BQ Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C595BQ-Q100 NEXPERIA-NPIC6C595BQ-Q100 Datasheet
283Kb / 19P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2 - 9 June 2020
NPIC6C595D NEXPERIA-NPIC6C595D Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
More results

Similar Description - NPIC6C595_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPIC6C595 NEXPERIA-NPIC6C595 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C596A-Q100 NEXPERIA-NPIC6C596A-Q100 Datasheet
1Mb / 20P
   Power logic 8-bit shift register; open-drain outputs
logo
NXP Semiconductors
NPIC6C596A(1) PHILIPS-NPIC6C596A(1)_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 1-23 October 2013
logo
Nexperia B.V. All right...
NPIC6C596A NEXPERIA-NPIC6C596A Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
NPIC6C595-Q100 NEXPERIA-NPIC6C595-Q100 Datasheet
283Kb / 19P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2 - 9 June 2020
logo
NXP Semiconductors
NPIC6C596A PHILIPS-NPIC6C596A_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register open-drain outputs
Rev. 1-23 October 2013
logo
Nexperia B.V. All right...
NPIC6C596 NEXPERIA-NPIC6C596 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
logo
NXP Semiconductors
NPIC6C596 PHILIPS-NPIC6C596_15 Datasheet
1Mb / 21P
   Power logic 8-bit shift register; open-drain outputs
Rev. 2-4 July 2013
logo
Nexperia B.V. All right...
NPIC6C596-Q100 NEXPERIA-NPIC6C596-Q100 Datasheet
281Kb / 18P
   Power logic 8-bit shift register; open-drain outputs
Rev. 3 - 22 June 2020
NPIC6C4894 NEXPERIA-NPIC6C4894 Datasheet
981Kb / 21P
   Power logic 12-bit shift register; open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com