Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3517D2 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM3517D2
Description  STEPPER MOTOR CONTROLLER / DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3517D2 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM3517D2 Datasheet HTML 2Page - New Japan Radio NJM3517D2 Datasheet HTML 3Page - New Japan Radio NJM3517D2 Datasheet HTML 4Page - New Japan Radio NJM3517D2 Datasheet HTML 5Page - New Japan Radio NJM3517D2 Datasheet HTML 6Page - New Japan Radio NJM3517D2 Datasheet HTML 7Page - New Japan Radio NJM3517D2 Datasheet HTML 8Page - New Japan Radio NJM3517D2 Datasheet HTML 9Page - New Japan Radio NJM3517D2 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NJM3517
s ELECTRICAL CHARACTERISTICS
Electrical characteristics at T
j = +25°C, VCC = +5.0 V, VMM = +40 V, VSS = +40 V unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply current
I
CC
INH = LOW
-
45
60
mA
INH = HIGH
-
12
-
mA
Phase outputs
Saturation voltage
V
PCE Sat
I
P = 350 mA
-
-
0.85
V
Leakage current
I
PL
V
P = 0 V
-
-
500
µA
Turn on, turn off
t
d
+70
°C-
-
3
µs
t
d
+125
°C-
-
6
µs
Second-level outputs
Saturation voltage
V
LCE Sat
I
L = -350 mA
-
-
2.0
V
Leakage current
I
LL
V
L = 0 V
-500
-
-
µA
On time
t
On
(note 4)
220
260
300
µs
Logic inputs
Voltage level, HIGH
V
IH
-
2.0
-
V
Voltage level, LOW
V
IL
-
-
0.8
V
Input current, LOW
I
IL
V
I = 0.4 V
-400
-
-
µA
Input current, HIGH
I
IH
V
I = 2.4 V
-
-
20
µA
Logic outputs
Saturation voltage
V
ØCE Sat
I
Ø = 1.6 mA
-
-
0.4
V
Notes
1. All voltages are with respect to ground. Current are positive into, negative out of specified terminal.
2 Derates at 12,8 mW/
°C above +25°C.
3. Derates at 10.4 mW/
°C above +25°C.
4. R
T = 47 kΩ, CT = 10 nF.


Similar Part No. - NJM3517D2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3524 NJRC-NJM3524 Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM3524D NJRC-NJM3524D Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM3524M NJRC-NJM3524M Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM3524V NJRC-NJM3524V Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
   DUAL J-FET INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - NJM3517D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com