Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HCT14L-D14-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT14L-D14-T
Description  HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT14L-D14-T Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT14L-D14-T Datasheet HTML 1Page - Unisonic Technologies U74HCT14L-D14-T Datasheet HTML 2Page - Unisonic Technologies U74HCT14L-D14-T Datasheet HTML 3Page - Unisonic Technologies U74HCT14L-D14-T Datasheet HTML 4Page - Unisonic Technologies U74HCT14L-D14-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HCT14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-090,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
-0.5V~7V
V
Input Clamp Current
For VIN < 0 or VIN > VCC
IIK
±20
mA
Output Clamp Current
For VOUT < 0 or VOUT > VCC
IOK
±20
mA
Continuous Output Current
For VOUT = 0 to VCC
IOUT
±25
mA
VCC or Ground Current
ICC
±50
mA
Operating Supply Voltage Range
VCC
4.5~5.5
V
Operating DC Input or Output Voltage
VIN, VOUT
0V~VCC
V
Operating Temperature
TOPR
-40 ~ +85
Storage Temperature
TSTG
-65 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-14
80
/W
SOP-14
86
/W
Thermal Resistance Junction Ambient
TSSOP-14
θJA
113
/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage Range HC Types
VCC
4.5
5.5
V
Input or Output Voltage
VIN, VOUT
0
VCC
V
Operating Temperature
TA
-40
85
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=4.5V
1.2
1.5
1.9
V
High-Level Input Voltage
VIH
VCC=5.5V
1.4
1.7
2.1
V
VCC=4.5V
0.5
0.9
1.2
V
Low-Level Input Voltage
VIL
VCC=5.5V
0.6
1
1.4
V
VCC=4.5V
0.4
0.6
1.4
V
Hysteresis
VTH
VCC=5.5V
0.4
0.65
1.5
V
High Level Output Voltage CMOS Loads
VCC=4.5V, VIN=VIH or VIL, IOH=-20μA
4.4
4.49
V
High Level Output Voltage TTL Loads
VOH
VCC=4.5V, VIN=VIH or VIL, IOH=-4mA
3.98
V
Low Level Output Voltage CMOS Loads
VCC=4.5V, VIN=VIH or VIL, IOL=20μA
0.1
V
Low Level Output Voltage TTL Loads
VOL
VCC=4.5V, VIN=VIH or VIL, IOL=4mA
0.26
V
Input Leakage Current
IIN
VCC=5.5V, VIN=VCC and GND
±0.1
µA
Quiescent Device Current
IQ
VIN=VCC or GND, IOUT=0mA
2
µA
Additional Quiescent Device
IQ
(Note)
One input at 0.5V or 2.4V,Other
inputs at GND or VCC
2.4
mA
SWITCHING SPECIFICATIONS
(Input tR, tF = 6ns)
VCC=4.5V, CL=50pF
32
ns
Propagation Delay, A to Y
tPLH, tPHL
VCC=5.5V, CL=50pF
30
ns
VCC=4.5V, CL=50pF
15
ns
Output Transition Times
tTLH, tTHL
VCC=5.5V, CL=50pF
14
ns
Input Capacitance
CIN
3
10
pF
Power Dissipation Capacitance
Cpd
No load
10
pF
Note: This is the increase in supply current for each input that is at one of the specified TTL voltage levels,
rather than 0 V or VCC.


Similar Part No. - U74HCT14L-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT14L-D14-T UTC-U74HCT14L-D14-T Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
More results

Similar Description - U74HCT14L-D14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
logo
Texas Instruments
CD54HC14 TI1-CD54HC14_15 Datasheet
692Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com