Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6401CRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6401CRZ
Description  Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6401CRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6401CRZ Datasheet HTML 1Page - Intersil Corporation ISL6401CRZ Datasheet HTML 2Page - Intersil Corporation ISL6401CRZ Datasheet HTML 3Page - Intersil Corporation ISL6401CRZ Datasheet HTML 4Page - Intersil Corporation ISL6401CRZ Datasheet HTML 5Page - Intersil Corporation ISL6401CRZ Datasheet HTML 6Page - Intersil Corporation ISL6401CRZ Datasheet HTML 7Page - Intersil Corporation ISL6401CRZ Datasheet HTML 8Page - Intersil Corporation ISL6401CRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN9007.7
April 13, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC,PVCC . . . . . . . . . . . . . . . . GND -0.3V to +7.0V
PGND to GND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification . . . . . . . . . . . . . . . . . . . . . Class 1 (HBM, 2500V)
NFB Pin Voltage. . . . . . . . . . . . . . . . . . . . . . ±10V (Transient, 10ms)
Operating Conditions
Temperature Range
ISL6401C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . 5V
±10%
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
14 Lead SOIC (Note 6) . . . . . . . . . . . .
90
NA
16 Lead QFN (Note 7) . . . . . . . . . . . . .
46
9
Maximum Junction Temperature (Plastic Package) . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
8. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. VCC = +5.0V ±10%, TA = -40 to 85°C (Note 9), Typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Supply Voltage Range
4.5
5.0
5.5
V
Shutdown Supply Current
SHDN = GND
-
55
100
µA
Start-Up Current
VCC < 3.7V
-
0.1
0.20
mA
Operating Supply Current
(Note 10)
-
3.7
6.0
mA
REFERENCE VOLTAGE
Output Voltage
1.237
1.25
1.262
V
Long Term Stability
TA = 125°C, 1000 hours
-
5
-
mV
NEGATIVE FEEDBACK
Source Current
-1.0
2.0
mA
CURRENT SENSE
Maximum Input Signal
0.2
0.260
0.3
V
Input Bias Current
-2.0
0.0
2.0
µA
Overcurrent Threshold
0.4
0.52
0.6
V
ERROR AMPLIFIER
Open Loop Voltage Gain
-78-
dB
Gain-Bandwidth Product
10
-
-
MHz
Input Voltage
1.225
1.25
1.275
V
Input Bias Current
-1.0
-
µA
PWM
Maximum Duty Cycle
47
48
50
%
Minimum Duty Cycle
COMP = 0V
-
0
-
%
UNDERVOLTAGE LOCKOUT
Start Threshold
3.7
4.1
4.3
V
Stop Threshold
3.2
3.6
4.0
V
ISL6401


Similar Part No. - ISL6401CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6401CRZ INTERSIL-ISL6401CRZ Datasheet
330Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Renesas Technology Corp
ISL6401CRZ RENESAS-ISL6401CRZ Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Intersil Corporation
ISL6401CRZ-T INTERSIL-ISL6401CRZ-T Datasheet
330Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
More results

Similar Description - ISL6401CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6401 INTERSIL-ISL6401 Datasheet
330Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
   SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com