Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6322IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6322IRZ
Description  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6322IRZ Datasheet HTML 4Page - Intersil Corporation ISL6322IRZ Datasheet HTML 5Page - Intersil Corporation ISL6322IRZ Datasheet HTML 6Page - Intersil Corporation ISL6322IRZ Datasheet HTML 7Page - Intersil Corporation ISL6322IRZ Datasheet HTML 8Page - Intersil Corporation ISL6322IRZ Datasheet HTML 9Page - Intersil Corporation ISL6322IRZ Datasheet HTML 10Page - Intersil Corporation ISL6322IRZ Datasheet HTML 11Page - Intersil Corporation ISL6322IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
FN6328.2
August 2, 2007
DAC Input Low Voltage (AMD)
0.6
V
DAC Input High Voltage (AMD)
1.0
V
PIN-ADJUSTABLE OFFSET
OFS Sink Current Accuracy (Negative Offset)
ROFS = 10kΩ from OFS to GND
37.0
40.0
43.0
μA
OFS Source Current Accuracy (Positive Offset)
ROFS = 30kΩ from OFS to VCC
50.5
53.5
56.5
μA
ERROR AMPLIFIER
DC Gain
RL = 10k to ground, (Note 3)
96
dB
Gain-Bandwidth Product
CL = 100pF, RL = 10k to ground, (Note 3)
20
MHz
Slew Rate
CL = 100pF, Load = ±400μA, (Note 3)
8
V/
μs
Maximum Output Voltage
Load = 1mA
3.90
4.20
V
Minimum Output Voltage
Load = -1mA
1.30
1.5
V
SOFT-START RAMP
Soft-Start Ramp Rate
VR10/VR11, RS = 100kΩ
1.563
mV/µs
AMD
2.063
mV/µs
Adjustment Range of Soft-Start Ramp Rate (Note 3)
0.625
6.25
mV/µs
PWM OUTPUT
PWM Output Voltage LOW Threshold
Iload = ±500
μA0.5
V
PWM Output Voltage HIGH Threshold
Iload = ±500
μA4.5
V
CURRENT SENSING
Current Sense Resistance, RISEN
T = +25°C
297
300
303
Ω
Sensed Current Tolerance
ISEN1+ = ISEN2+ = ISEN3+ = ISEN4+ = 80
μA
768084
μA
OVERCURRENT PROTECTION
Overcurrent Trip Level - Average Channel
Normal operation
110
125
140
μA
Dynamic VID change
143
163
183
μA
Overcurrent Trip Level - Individual Channel
Normal operation
150
177
204
μA
Dynamic VID change (Note 3)
209.4
238
266.6
μA
PROTECTION
Undervoltage Threshold
VSEN falling
55
60
65
%VID
Undervoltage Hysteresis
VSEN rising
10
%VID
Overvoltage Threshold During Soft-Start
VR10/VR11
1.24
1.28
1.32
V
AMD
2.13
2.20
2.27
V
Overvoltage Threshold (Default)
VSEN rising
VDAC +
225mV
VDAC +
250mV
VDAC +
275mV
V
Overvoltage Threshold (Alternate)
VSEN rising
VDAC +
150mV
VDAC +
175mV
VDAC +
200mV
V
Overvoltage Hysteresis
VSEN falling
100
mV
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF load, 10% to 90%
26
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF load, 10% to 90%
18
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF load, 90% to 10%
18
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF load, 90% to 10%
12
ns
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6322
ISL6322


Similar Part No. - ISL6322IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322IRZ INTERSIL-ISL6322IRZ Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322IRZ INTERSIL-ISL6322IRZ Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322IRZ RENESAS-ISL6322IRZ Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322IRZ-T INTERSIL-ISL6322IRZ-T Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results

Similar Description - ISL6322IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com