Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6292-2CR3 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6292-2CR3
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292-2CR3 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6292-2CR3 Datasheet HTML 1Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 2Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 3Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 4Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 5Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 6Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 7Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 8Page - Intersil Corporation ISL6292-2CR3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN9105.9
December 17, 2007
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6292-1CR3*
92-1
-20 to +70
10 Ld 3x3 DFN
L10.3x3
ISL6292-1CR3Z* (Note)
921Z
-20 to +70
10 Ld 3x3 DFN (Pb-free)
L10.3x3
ISL6292-2CR3*
92-2
-20 to +70
10 Ld 3x3 DFN
L10.3x3
ISL6292-2CR3Z* (Note)
922Z
-20 to +70
10 Ld 3x3 DFN (Pb-free)
L10.3x3
ISL6292-1CR4*
629 2-1CR4
-20 to +70
16 Ld 4x4 QFN
L16.4x4
ISL6292-1CR4Z* (Note)
629 21CR4Z
-20 to +70
16 Ld 4x4 QFN (Pb-free)
L16.4x4
ISL6292-2CR4*
629 2-2CR4
-20 to +70
16 Ld 4x4 QFN
L16.4x4
ISL6292-2CR4Z* (Note)
629 22CR4Z
-20 to +70
16 Ld 4x4 QFN (Pb-free)
L16.4x4
ISL6292-1CR5*
629 2-1CR5
-20 to +70
16 Ld 5x5 QFN
L16.5x5B
ISL6292-1CR5Z* (Note)
6292-1CR5Z
-20 to +70
16 Ld 5x5 QFN (Pb-free)
L16.5x5B
ISL6292-2CR5*
629 2-2CR5
-20 to +70
16 Ld 5x5 QFN
L16.5x5B
ISL6292-2CR5Z* (Note)
6292-2CR5Z
-20 to +70
16 Ld 5x5 QFN (Pb-free)
L16.5x5B
ISL6292EVAL1Z
Evaluation Board for the 3x3 DFN Package Part
ISL6292EVAL2
Evaluation Board for the 4x4 QFN Package Part
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
ISL6292


Similar Part No. - ISL6292-2CR3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-2CR3 INTERSIL-ISL6292-2CR3 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-2CR3 INTERSIL-ISL6292-2CR3 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-2CR3 INTERSIL-ISL6292-2CR3 Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292-2CR3 RENESAS-ISL6292-2CR3 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292-2CR3-T INTERSIL-ISL6292-2CR3-T Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292-2CR3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com