Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6269ACRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6269ACRZ
Description  High-Performance Notebook PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6269ACRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6269ACRZ Datasheet HTML 3Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6269ACRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL6269A
7
FN9253.3
November 18, 2014
Submit Document Feedback
Functional Pin Descriptions
GND (Bottom Pad)
Signal common of the IC. Unless otherwise stated, signals are
referenced to the GND pin, not the PGND pin.
VIN (Pin 1)
The VIN pin measures the converter input voltage which is a
required input to the R3™ PWM modulator. Connect across the
drain of the high-side MOSFET to the GND pin.
VCC (Pin 2)
The VCC pin is the input bias voltage for the IC. Connect +5V from
the VCC pin to the GND pin. Decouple with at least 1µF of a MLCC
capacitor from the VCC pin to the GND pin.
FCCM (Pin 3)
The FCCM pin configures the controller to operate in Forced
Continuous Conduction Mode (FCCM) or Diode Emulation Mode
(DEM.) DEM is disabled when the FCCM pin is pulled above the
rising threshold voltage VFCCMTHR, conversely DEM is enabled
when the FCCM pin is pulled below the falling threshold voltage
VFCCMTHF.
EN (Pin 4)
The EN pin is the on/off switch of the IC. The soft-start sequence
begins when the EN pin is pulled above the rising threshold
voltage VENTHR and VCC is above the power-on reset (POR) rising
threshold voltage VVCC_THR. When the EN pin is pulled below the
falling threshold voltage VENTHF PWM immediately stops.
COMP (Pin 5)
The COMP pin is the output of the control-loop error amplifier.
Compensation components for the control-loop connect across
the COMP and FB pins.
FB (Pin 6)
The FB pin is the inverting input of the control-loop error
amplifier. The converter output voltage regulates to 600mV from
the FB pin to the GND pin. Program the desired output voltage
with a resistor network connected across the VO, FB, and GND
pins. Select the resistor values such that FB to GND is 600mV
when the converter output voltage is at the programmed
regulation value.
FSET (Pin 7)
The FSET pin programs the PWM switching frequency. Program
the desired PWM frequency with a resistor and a capacitor
connected across the FSET and GND pins.
VO (Pin 8)
The VO pin measures the converter output voltage and is used
exclusively as an input to the R3™ PWM modulator. Connect at
the physical location where the best output voltage regulation is
desired.
ISEN (Pin 9)
The ISEN pin programs the threshold of the OCP overcurrent fault
protection. Program the desired OCP threshold with a resistor
connected across the ISEN and PHASE pins. The OCP threshold is
programmed to detect the peak current of the output inductor.
The peak current is the sum of the DC and AC components of the
inductor current.
PGND (Pin 10)
The PGND pin conducts the turn-off transient current through the
LG gate driver. The PGND pin must be connected to complete the
pull-down circuit of the LG gate driver. The PGND pin should be
connected to the source of the low-side MOSFET through a low
impedance path, preferably in parallel with the trace connecting
the LG pin to the gate of the low-side MOSFET. The adaptive
shoot-through protection circuit, measures the low-side MOSFET
gate-source voltage from the LG pin to the PGND pin.
LG (Pin 11)
The LG pin is the output of the low-side MOSFET gate driver.
Connect to the gate of the low-side MOSFET.
PROTECTION
ISEN OCP Threshold
IOC
ISEN sourcing, TA = -10°C to +100°C
19
26
33
µA
ISEN sourcing
17
26
33
µA
ISEN Short-circuit Threshold
ISC
ISEN sourcing
-
50
-
µA
UVP Threshold
VUV
81
84
87
%
OVP Rising Threshold
VOVR
113
116
119
%
OVP Falling Threshold
VOVF
100
103
106
%
OTP Rising Threshold (Note 6)TOTR
-
150
-
°C
OTP Hysteresis (Note 6)TOTHYS
-25
-
°C
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications These specifications apply for VIN = 15V, TA = -40°C to +100°C, unless otherwise stated. All typical
specifications TA = +25°C, VCC = 5V, PVCC = 5V, VIN = 15V (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT


Similar Part No. - ISL6269ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269ACRZ RENESAS-ISL6269ACRZ Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ-T INTERSIL-ISL6269ACRZ-T Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
More results

Similar Description - ISL6269ACRZ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com