Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6208CBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6208CBZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6208CBZ Datasheet HTML 1Page - Intersil Corporation ISL6208CBZ Datasheet HTML 2Page - Intersil Corporation ISL6208CBZ Datasheet HTML 3Page - Intersil Corporation ISL6208CBZ Datasheet HTML 4Page - Intersil Corporation ISL6208CBZ Datasheet HTML 5Page - Intersil Corporation ISL6208CBZ Datasheet HTML 6Page - Intersil Corporation ISL6208CBZ Datasheet HTML 7Page - Intersil Corporation ISL6208CBZ Datasheet HTML 8Page - Intersil Corporation ISL6208CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL6208, ISL6208B
3
FN9115.7
July 14, 2014
Submit Document Feedback
ti
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VFCCM, VPWM) . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT-GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 33V
BOOT To PHASE Voltage (VBOOT-PHASE). . . . . . . . . . . . . . . . -0.3V to 7V (DC)
-0.3V to 9V (<10ns)
PHASE Voltage (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 30V
GND - 10V (<20ns Pulse Width, 10µJ)
UGATE Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
VPHASE - 5V (<20ns Pulse Width, 10µJ) to VBOOT
LGATE Voltage . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V (DC) to VCC + 0.3V
GND - 2.5V (<20ns Pulse Width, 5µJ) to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld SOIC Package (Notes 6, 9) . . . . . . . . .
110
67
8 Ld 3x3 QFN Package (Notes 7, 8) . . . . . .
80
15
8 Ld 2x2 DFN Package (Notes 7, 8) . . . . . .
89
24
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. The Phase Voltage is capable of withstanding -7V when the BOOT pin is at GND.
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications Recommended Operating Conditions, Unless Otherwise Noted. Boldface limits apply across the operating
temperature range.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
PWM pin floating, VFCCM = 5V
-
80
-
µA
POR
VCC Rising
-3.40
3.90
V
VCC Falling
2.40
2.90
-
V
Hysteresis
-
500
-
mV
BOOTSTRAP DIODE
Forward Voltage
VF
VVCC = 5V, forward bias current = 2mA
0.50
0.55
0.65
V
PWM INPUT
Input Current
IPWM
VPWM = 5V
-
250
-
µA
VPWM = 0V
-
-250
-
µA
PWM Three-State Rising Threshold
VVCC = 5V
0.70
1.00
1.30
V
PWM Three-State Falling Threshold
VVCC = 5V
3.5
3.8
4.1
V
Three-State Shutdown Hold-off Time
tTSSHD
VVCC = 5V, temperature = +25°C
100
175
250
ns
FCCM INPUT
FCCM LOW Threshold
0.50
--
V
FCCM HIGH Threshold
--
2.0
V
SWITCHING TIME
UGATE Rise Time (Note 10)tRU
VVCC = 5V, 3nF load
-
8.0
-
ns
LGATE Rise Time (Note 10)tRL
VVCC = 5V, 3nF load
-
8.0
-
ns
UGATE Fall Time (Note 10)
tFU
VVCC = 5V, 3nF load
-
8.0
-
ns


Similar Part No. - ISL6208CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com