Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61222-EP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61222-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS61222-EP_15 Datasheet HTML 1Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 2Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 3Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 4Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 5Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 6Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 7Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 8Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS61222-EP
www.ti.com
SLVSBI2 – SEPTEMBER 2012
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-
μA QUIESCENT CURRENT
Check for Samples: TPS61222-EP
1
FEATURES
Up to 95% Efficiency at Typical Operating
APPLICATIONS
Conditions
Battery Powered Applications
5.5
μA Quiescent Current
1 to 3 Cell Alkaline, NiCd or NiMH
Startup Into Load at 0.7 V Input Voltage
1 Cell Li-Ion or Li-Primary
Operating Input Voltage from 0.7 V to 5.5 V
Solar or Fuel Cell Powered Applications
Pass-Through Function During Shutdown
Consumer and Portable Medical Products
Minimum Switching Current 200 mA
Personal Care Products
Protections:
White or Status LEDs
Output Overvoltage
Smartphones
Overtemperature
SUPPORTS DEFENSE, AEROSPACE,
Input Undervoltage Lockout
AND MEDICAL APPLICATIONS
Fixed Output Voltage Versions
Controlled Baseline
Small 6-Pin SC-70 Package
One Assembly and Test Site
One Fabrication Site
Available in Military (–55°C to 125°C)
Temperature Range (1)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
(1)
Custom temperature ranges available
DESCRIPTION
The TPS61222 provides a power-supply solution for products powered by either a single-cell, two-cell, or three-
cell alkaline, NiCd or NiMH, or one-cell Li-Ion or Li-polymer battery. Possible output currents depend on the
input-to-output voltage ratio. The boost converter is based on a hysteretic controller topology using synchronous
rectification to obtain maximum efficiency at minimal quiescent currents. The output voltage of the adjustable
version can be programmed by an external resistor divider, or is set internally to a fixed output voltage. The
converter can be switched off by a featured enable pin. While being switched off, battery drain is minimized. The
device is offered in a 6-pin SC-70 package (DCK) measuring 2 mm x 2 mm to enable small circuit layout size.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com