Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61200 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61200
Description  TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61200_15 Datasheet HTML 5Page - Texas Instruments TPS61200_15 Datasheet HTML 6Page - Texas Instruments TPS61200_15 Datasheet HTML 7Page - Texas Instruments TPS61200_15 Datasheet HTML 8Page - Texas Instruments TPS61200_15 Datasheet HTML 9Page - Texas Instruments TPS61200_15 Datasheet HTML 10Page - Texas Instruments TPS61200_15 Datasheet HTML 11Page - Texas Instruments TPS61200_15 Datasheet HTML 12Page - Texas Instruments TPS61200_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
4.95
5
5.05
1
10
100
1000
I
- Output Current - mA
O
V = 2.4 V
I
TPS61202
V
= 5 V,
Power Save Disabled
O
3.27
3.30
3.33
1
10
100
1000
I
-OutputCurrent-mA
O
V =2.4V
I
TPS61201
V
=3.3V,
PowerSaveDisabled
O
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V -InputVoltage-V
I
I
=10mA
O
I
=100mA
O
I
=500mA
O
I
=1000mA
O
TPS61202
V
=5V,
PowerSaveDisabled
O
TPS61200, TPS61201, TPS61202
www.ti.com
SLVS577E – MARCH 2007 – REVISED DECEMBER 2014
Figure 12. Output Voltage vs Output Current
Figure 11. Efficiency vs Input Voltage
Figure 13. Output Voltage vs Output Current
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61200 TPS61201 TPS61202


Similar Part No. - TPS61200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200DRC TI-TPS61200DRC Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRC TI-TPS61200DRC Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCR TI-TPS61200DRCR Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCR TI-TPS61200DRCR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200DRCR TI-TPS61200DRCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com