Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61170-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61170-Q1
Description  TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm2-mm SON Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61170-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61170-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS61170-Q1
SLVSAX2A – SEPTEMBER 2011 – REVISED JULY 2015
www.ti.com
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Input voltage range, VIN
3
18
V
VO
Output voltage range
VIN
38
V
L
Inductor(1)
10
22
μH
CI
Input capacitor
1
μF
CO
Output capacitor(1)
1
10
μF
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
125
°C
(1)
These values are recommended values that have been successfully tested in several applications. Other values may be acceptable in
other applications but should be fully tested by the user.
7.4 Thermal Information
TPS61170-Q1
THERMAL METRIC(1)
DRV (SON)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
96.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
89
°C/W
RθJB
Junction-to-board thermal resistance
65.9
°C/W
ψJT
Junction-to-top characterization parameter
3.2
°C/W
ψJB
Junction-to-board characterization parameter
66.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
40.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
VIN = 3.6 V, CTRL = VIN, TA = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range, VIN
3.0
18
V
IQ
Operating quiescent current into VIN
Device PWM switching no load
2.3
mA
ISD
Shutdown current
CRTL = GND, VIN = 4.2 V
1
μA
UVLO
Undervoltage lockout threshold
VIN falling
2.2
2.5
V
Vhys
Undervoltage lockout Hysteresis
70
mV
ENABLE AND REFERENCE CONTROL
V(CTRLh)
CTRL logic high voltage
VIN = 3 V to 18 V
1.2
V
V(CTRL)
CTRL logic low voltage
VIN = 3 V to 18 V
0.4
V
R(CTRL)
CTRL pulldown resistor
400
800
1600
k
VOLTAGE AND CURRENT CONTROL
VREF
Voltage feedback regulation voltage
1.204
1.229
1.254
V
Voltage feedback regulation voltage under
V(REF_PWM)
VFB = 492 mV
477
492
507
mV
reprogram
IFB
Voltage feedback input bias current
VFB = 1.229 V
200
nA
Dmax
Maximum duty cycle
VFB = 100 mV
90%
93%
Isink
Comp pin sink current
100
μA
Isource
Comp pin source current
100
μA
Gea
Error amplifier transconductance
240
320
400
μmho
Rea
Error amplifier output resistance
5 pF connected to COMP
6
M
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS61170-Q1


Similar Part No. - TPS61170-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
More results

Similar Description - TPS61170-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080 TI-TLV62080_15 Datasheet
950Kb / 26P
[Old version datasheet]   TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com