Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8541 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8541
Description  0.9V startup, 1A True Shut-Off Synchronous Boost DC-DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8541 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8541 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8541 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8541 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8541 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8541 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8541 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC converter
BL8541
DESCRIPTION
The BL8541, is a high-efficiency, synchronous step-
up switching regulators optimized for battery-
powered applications. It supports up to 1A load
current and allows the use of small, low cost
inductors and MLCC capacitors.
The BL8541 starts up as low as 0.9V input voltage
and it has true-shutoff function (shut off output to
zero voltage when CE pulled low) and real output
short-circuit protection. These features make it
ideal for USB interface power supply.
Given its high efficiency, the BL8541 device is ideal
for small portable applications powered by battery.
It consumes as low as 40uA (3V input /3.3V output)
at zero load. And its current consumption is less
than 1uA in shutdown mode.
BL8541 is available in DFN2x2-6 package.
FEATURES
 Capable of Delivering 1A
 High Efficiency: Up to 92%
 Compatible with MLCC capacitor
 1.8MHz Switching Frequency
 Low dropout 100% Duty operation
 0.6V Reference for Low Output voltages
 True Shutoff and Short-Circuit Protection
 Logic Control Shutdown (IQ<1uA)
 Thermal shutdown and UVLO
 Available in DFN2x2-6
APPLICATIONS
 MID / Tablet PC
 Portable Power Bank
 Smartphone OTG
 Toy
 Other portable device
TYPICAL APPLICATION
OFF ON
CE
GND
FB
LX
VOUT
4.7uF
LC3403
22uF
6.8uH
VIN
VOUT
1nF*
*Needed, when
Vout>=4.5V
VIN
PIN OUT & MARKING
CE
FB
VOUT
VIN
LX
GND
1
2
3
4
5
6
AL
YW
DFN2x2-6
Top View
AL: Product Code
YW: Date code (Year & Week)
BL8541


Similar Part No. - BL8541

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
   0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
BL8542C BELLING-BL8542C Datasheet
329Kb / 6P
   Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC-DC Converter
BL8549 BELLING-BL8549 Datasheet
540Kb / 6P
   40V Backlight LED Driver with PWM Direct Dimming
More results

Similar Description - BL8541

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE709 ACE-ACE709 Datasheet
657Kb / 8P
   0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC Converter
VER 1.2
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
   0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
logo
AiT Semiconductor Inc.
A7501 AITSEMI-A7501 Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
   DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
A7539 AITSEMI-A7539 Datasheet
1Mb / 10P
   DC-DC CONVERTER BOOST (STEP-UP) 0.8V STARTUP, 1A PFM CONTROL SYNCHRONOUS
REV1.3
logo
SHANGHAI BELLING CO., L...
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
   0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com