Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL0401B Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL0401B
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0401B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL0401B Datasheet HTML 7Page - Texas Instruments TPL0401B Datasheet HTML 8Page - Texas Instruments TPL0401B Datasheet HTML 9Page - Texas Instruments TPL0401B Datasheet HTML 10Page - Texas Instruments TPL0401B Datasheet HTML 11Page - Texas Instruments TPL0401B Datasheet HTML 12Page - Texas Instruments TPL0401B Datasheet HTML 13Page - Texas Instruments TPL0401B Datasheet HTML 14Page - Texas Instruments TPL0401B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DDR3 DIMM1
1.5 V
VREF1
_
+
1 kW
DPOT
TPL0401A/B
OP-AMP
LMV321
1 kW
TPL0401A
TPL0401B
TPL0401C
www.ti.com
SLIS144A – SEPTEMBER 2011 – REVISED MARCH 2012
TYPICAL APPLICATION
Figure 15. DDR3 Voltage Reference Adjustment
Below table shows Ideal values of resistance for a 10k
Ω DPOT. The absolute values can vary significantly, but
the ratio (Rhw/Rwl) is extremely accurate.
Table 1. Resistance Values Table
Step
Binary
Rwl (k
Ω)
Rhw (k
Ω)
Rhw/Rwl
0
0
0.00
10.00
0.00
1
1
0.08
9.92
0.01
2
10
0.16
9.84
0.02
3
11
0.23
9.77
0.02
4
100
0.31
9.69
0.03
5
101
0.39
9.61
0.04
6
110
0.47
9.53
0.05
7
111
0.55
9.45
0.06
8
1000
0.63
9.38
0.07
9
1001
0.70
9.30
0.08
10
1010
0.78
9.22
0.08
11
1011
0.86
9.14
0.09
12
1100
0.94
9.06
0.10
13
1101
1.02
8.98
0.11
14
1110
1.09
8.91
0.12
15
1111
1.17
8.83
0.13
16
10000
1.25
8.75
0.14
17
10001
1.33
8.67
0.15
18
10010
1.41
8.59
0.16
19
10011
1.48
8.52
0.17
20
10100
1.56
8.44
0.19
21
10101
1.64
8.36
0.20
22
10110
1.72
8.28
0.21
23
10111
1.80
8.20
0.22
24
11000
1.88
8.13
0.23
25
11001
1.95
8.05
0.24
26
11010
2.03
7.97
0.25
27
11011
2.11
7.89
0.27
28
11100
2.19
7.81
0.28
29
11101
2.27
7.73
0.29
30
11110
2.34
7.66
0.31
31
11111
2.42
7.58
0.32
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPL0401A TPL0401B TPL0401C


Similar Part No. - TPL0401B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401B TI1-TPL0401B Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401B-10 TI1-TPL0401B-10 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Similar Description - TPL0401B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com