Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL0102-EP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPL0102-EP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-EP Datasheet(HTML) 5 Page - Texas Instruments

  TPL0102-EP_15 Datasheet HTML 1Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 2Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 3Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 4Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 5Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 6Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 7Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 8Page - Texas Instruments TPL0102-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
7.4 Thermal Information
TPL0102-EP
THERMAL METRIC(1)
PW
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance(2)
112.9
RθJC(top)
Junction-to-case (top) thermal resistance(3)
39.9
RθJB
Junction-to-board thermal resistance(4)
55.9
°C/W
ψJT
Junction-to-top characterization parameter(5)
3.5
ψJB
Junction-to-board characterization parameter(6)
55.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance(7)
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPL0102-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

Similar Description - TPL0102-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com