Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2S56D20AKT-75L Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M2S56D20AKT-75L
Description  256M Double Data Rate Synchronous DRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2S56D20AKT-75L Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M2S56D20AKT-75L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2S56D20AKT-75L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
MITSUBISHI ELECTRIC
Jul. '01 Preliminary
MITSUBISHI LSIs
DDR SDRAM (Rev.1.0)
M2S56D20/ 30/ 40AKT
256 M Double Data Rate Synchronous DRAM
Type Designation Code
This rule is applied to only Synchronous DRAM family.
Mitsubishi Main Designation
Speed Grade
10: 125 MHz@CL=2.5,100MHz@CL=2.0
75: 133 MHz@CL=2.5 ,100MHz@CL=2.0
Package Type TP: TSOP(II)
Process Generation
Function Reserved for Future Use
Organization 2
n
2: x4, 3: x8, 4: x16
D DR Synchronous DRAM
Density 56: 256M bits
Interface
V:LVTTL, S:SSTL_3, _2
Memory Style (DRAM)
M
2 S 56
D 3
0 A TP – 75A
BLOCK DIAGRAM
/CS
/RAS /CAS
/ WE
UDM,
LDM
Memory
Array
Bank #0
DQ0 - 15
I/O Buffer
Memory
Array
Bank #1
Memory
Array
Bank #2
Memory
Array
Bank #3
Mode Register
Control Circuitry
Address Buffer
A0-12
BA0,1
Clock Buffer
CLK
CKE
Control Signal Buffer
QS Buffer
UDQS,LDQS
DLL
75 A: 133MHz@CL=2.5, 133MHz@CL=2.0
/CLK


Similar Part No. - M2S56D20AKT-75L

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
M2S56D20AKT ELPIDA-M2S56D20AKT Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
More results

Similar Description - M2S56D20AKT-75L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY5DU56422DTP HYNIX-HY5DU56422DTP Datasheet
413Kb / 37P
   256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
logo
Mitsubishi Electric Sem...
M2V56S20ATP MITSUBISHI-M2V56S20ATP Datasheet
690Kb / 49P
   256M Synchronous DRAM
M2V56S20 MITSUBISHI-M2V56S20 Datasheet
431Kb / 51P
   256M Synchronous DRAM
M2V56S20AKT MITSUBISHI-M2V56S20AKT Datasheet
694Kb / 49P
   256M Synchronous DRAM
M2V56S20TP MITSUBISHI-M2V56S20TP Datasheet
280Kb / 49P
   256M Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com