Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-4910LWG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPB-4910LWG
Description  8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4910LWG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-4910LWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-4910LWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-4910LWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-4910LWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-4910LWG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPB-4910LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1
/1/2009
V2.0
5
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2008/7/1
2.0
Change wavelength to 1270 nm and 1330 nm to have less dispersion penalty.
2009/1/1


Similar Part No. - SPB-4910LWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4910LWG_2015 OPTOWAY-SPB-4910LWG_2015 Datasheet
170Kb / 5P
   1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-4910LWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4920LWG OPTOWAY-SPB-4920LWG_15 Datasheet
170Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4840LWG OPTOWAY-SPB-4840LWG_15 Datasheet
169Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4940LWG OPTOWAY-SPB-4940LWG_15 Datasheet
170Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4820LWG OPTOWAY-SPB-4820LWG_15 Datasheet
169Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4810LWG OPTOWAY-SPB-4810LWG_15 Datasheet
169Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4810LWG_2015 OPTOWAY-SPB-4810LWG_2015 Datasheet
169Kb / 5P
   1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4940LWG_2015 OPTOWAY-SPB-4940LWG_2015 Datasheet
170Kb / 5P
   1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4910LWG_2015 OPTOWAY-SPB-4910LWG_2015 Datasheet
170Kb / 5P
   1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4920LWG_2015 OPTOWAY-SPB-4920LWG_2015 Datasheet
170Kb / 5P
   1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4820LWG_2015 OPTOWAY-SPB-4820LWG_2015 Datasheet
169Kb / 5P
   1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com