Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2120 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH2120
Description  LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH2120 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH2120_15 Datasheet HTML 3Page - Texas Instruments LMH2120_15 Datasheet HTML 4Page - Texas Instruments LMH2120_15 Datasheet HTML 5Page - Texas Instruments LMH2120_15 Datasheet HTML 6Page - Texas Instruments LMH2120_15 Datasheet HTML 7Page - Texas Instruments LMH2120_15 Datasheet HTML 8Page - Texas Instruments LMH2120_15 Datasheet HTML 9Page - Texas Instruments LMH2120_15 Datasheet HTML 10Page - Texas Instruments LMH2120_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
RF INPUT POWER (dBm)
60
50
40
30
20
10
0
-50
-40
-30
-20
-10
0
10
85°C
25°C
-40°C
RFin = 1900 MHz
OUT = 0V
RF INPUT POWER (dBm)
60
50
40
30
20
10
0
-50
-40
-30
-20
-10
0
10
85°C
25°C
-40°C
RFin = 1900 MHz
OUT = 2.5V
RF INPUT POWER (dBm)
6
5
4
3
2
1
0
-50
-40
-30
-20
-10
0
10
85°C
25°C
-40°C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
5
4
3
2
1
0
ENABLE VOLTAGE (V)
-40°C
85°C
25°C
0
1
2
3
4
5
6
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
-40°C
85°C
25°C
EN = HIGH
0
1
2
3
4
5
6
8
7
6
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
-40°C
85°C
25°C
EN = LOW
LMH2120
www.ti.com
SNWS021C – JULY 2010 – REVISED FEBRUARY 2013
Typical Performance Characteristics
Unless otherwise specified TA = 25°C, VBAT = 2.7V, RFIN = 1900 MHz CW (Continuous Wave, unmodulated). Specified errors
are input referred.
Supply Current
Supply Current
vs.
vs.
Supply Voltage (Active)
Supply Voltage (Shutdown)
Figure 5.
Figure 6.
Supply Current
Supply Current
vs.
vs.
Enable Voltage (EN)
RF Input Power
Figure 7.
Figure 8.
Output Sourcing Current
Output Sinking Current
vs.
vs.
RF Input Power
RF Input Power
Figure 9.
Figure 10.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH2120


Similar Part No. - LMH2120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2120UM/NOPB TI1-LMH2120UM/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2120UMX/NOPB TI1-LMH2120UMX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
More results

Similar Description - LMH2120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com