Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6217ACVZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6217ACVZA-T
Description  Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217ACVZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6217ACVZA-T Datasheet HTML 2Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 3Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 4Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 5Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 6Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 7Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 8Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 9Page - Intersil Corporation ISL6217ACVZA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN9107.3
June 30, 2005
Block Diagram
IOCSET
Σ
Σ
CHANNEL
POWER-ON
RESET(POR)
+
-
E/A
+
-
PWM
PWM
PWM1
PWM2
VSS
VDD
FB
FS
+
-
CLOCK AND
VID0
VID1
VID2
VID3
COMP
GENERATOR
SAWTOOTH
VID4
EN
1.3V
+
-
+
-
+
-
IDROOP
OCSET
VID
D/A
SAMPLE
HOLD
&
CURRENT
BALANCE
ISEN1
ISEN2
1.75V
VID5
SOFT
VSEN
PGOOD
OVP
+
-
CONTROL
AND
FAULT LOGIC
VBAT
1.75V
SOFT
START
VSOFT
-
+
88% RISING
84% FALLING
UV
VCORE
REF
DSV
DRSV
DSEN# DRSEN
MUX
CHANNEL
CURRENT
SENSE
HIGH-IMPEDANCE STATE
32 COUNT
112% RISING
102% FALLING
32 COUNT
CLOCK
CYCLE
EA+
DACOUT
STV
PWRCH
PWRCH
PWRCH
PHASE
LOGIC
PHASE
LOGIC
PWM2
PWM1
UG2
PHASE2
BOOT2
LG2
LG1
VSSP1
VDDP
UG1
PHASE1
BOOT1
VDDP
VDDP
VDDP
VSSP2
-
+
OC
CLOCK
CYCLE
+
HIGH-IMPEDANCE STATE
Σ
Σ
Σ
0.435
8
µA
-2
µA
1
2N
ISL6217A


Similar Part No. - ISL6217ACVZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217ACVZA-T INTERSIL-ISL6217ACVZA-T Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Renesas Technology Corp
ISL6217ACVZA-T RENESAS-ISL6217ACVZA-T Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
More results

Similar Description - ISL6217ACVZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com