Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1904FAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL1904FAZ
Description  Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1904FAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL1904FAZ Datasheet HTML 3Page - Intersil Corporation ISL1904FAZ Datasheet HTML 4Page - Intersil Corporation ISL1904FAZ Datasheet HTML 5Page - Intersil Corporation ISL1904FAZ Datasheet HTML 6Page - Intersil Corporation ISL1904FAZ Datasheet HTML 7Page - Intersil Corporation ISL1904FAZ Datasheet HTML 8Page - Intersil Corporation ISL1904FAZ Datasheet HTML 9Page - Intersil Corporation ISL1904FAZ Datasheet HTML 10Page - Intersil Corporation ISL1904FAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL1904
7
FN8286.1
September 20, 2012
Pin Configuration
ISL1904
(16 LD QSOP)
TOP VIEW
CS+
DHC
OFFREF PWMOUT
VREF
OUT
VDD
OC
OVP
1
2
4
3
5
6
7
8
AC
IOUT
RAMP
9
10
11
12
13
14
15
16
GND
FB
DELADJ
VERR
Pin Descriptions
PIN #
SYMBOL
DESCRIPTION
1
VDD
VDD is the power connection for the IC. To optimize noise immunity, bypass VDD to GND with a ceramic capacitor as close to the
VDD and GND pins as possible.
2
OFFREF
Sets the reference level to disable the driver at light loading. The turn-off reference can be set at any level between 0 and 0.6V,
corresponding to 0 to 100% of output loading. This feature is normally used in triac-based wall dimmer applications to disable the
output before the dimmer becomes unstable due to insufficient holding current.
3
VREF
The 5.40V reference voltage output having ±100 mV tolerance over line, load and operating temperature. Bypass to GND with a
0.1µF to 3.3µF low ESR capacitor.
4
IOUT
A PWM voltage signal with amplitude and duty cycle proportional to the peak switching current used to determine the output
current.
5
CS+
The input for the CrCM current sense circuit. This input monitors the winding current to determine the critical conduction operating
point.
6
OC
The input to the load current sensing circuitry and the peak overcurrent comparator. The signal is sampled at the peak current level
for each switching cycle, amplified, and output on IOUT as a PWM signal. It must be scaled, filtered and averaged prior to being
applied to the FB pin of the EA. The overcurrent comparator threshold is set at 600mV nominal. Peak OCP performs cycle-by-cycle
over current protection. OCP includes leading-edge-blanking (LEB), which blocks the signal at the beginning of the OUT pulse for the
duration of the blanking period and when the OUT pulse is low.
7
FB
FB is the inverting input to the error amplifier (EA). The feedback signal from IOUT, after being scaled and filtered, is applied to the
error amplifier.
8
DELADJ
Sets delay before a new switching cycles starts. This adjustment allows the user to delay the next switching cycle until the switching
FET drain-source voltage reaches a minimum value to allow quasi-ZVS (Zero Voltage Switching) operation. A resistor to ground
programs the delay. Pulling DELADJ to VREF disables the CrCM oscillator.
9
VERR
Output of the error amplifiers and the control voltage input to the inverting input of the PWM comparator. VERR cannot source
current and requires an external pull-up resistor to VREF.
10
RAMP
This is the input for the sawtooth waveform for the PWM comparator. Using an RC from VREF, a sawtooth waveform is created for
use by the PWM. It is compared to the error amplifier output, Verr, to create the PWM control signal. The RAMP pin is shorted to
GND at the termination of the PWM signal.
11
OVP
Input to detect an overvoltage (OV) condition on the output. Since the control variable is output current, a fault that results in an
open circuit will cause excessive output voltage. The circuit hysteresis is a switched current source that is active when the OV
threshold is exceeded.
12
AC
Input to sense AC voltage presence and amplitude. A resistor divider from line and neutral/line and circuit ground is used to detect
the AC voltage.
13
GND
Signal and power ground connections for this device. Due to high peak currents and high frequency operation, a low impedance
layout is necessary. Ground planes and short traces are highly recommended.
14
DHC
An open drain FET used to load the input voltage to pre-load a triac-based dimmer so that adequate holding current is maintained.


Similar Part No. - ISL1904FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1904FAZ RENESAS-ISL1904FAZ Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results

Similar Description - ISL1904FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Holtek Semiconductor In...
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com