Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP4082IB Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HIP4082IB
Description  80V, 1.25A Peak Current H-Bridge 80V, 1.25A Peak Current H-Bridge
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HIP4082IB Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN3676.5
September 30, 2015
Application Block Diagram
Functional Block Diagram
80V
GND
LOAD
HIP4082
GND
12V
AHI
ALI
BLI
BHI
BLO
BHS
BHO
ALO
AHS
AHO
3
8
2
7
4
12
5
6
TURN-ON
DELAY
DRIVER
13
LEVEL
SHIFT
DRIVER
AHB
AHS
9
10
11
14
15
16
1
DRIVER
TURN-ON
DELAY
DRIVER
TURN-ON
DELAY
LEVEL
SHIFT
AHO
BHB
BHS
BHO
ALO BLO
TURN-ON
DELAY
UNDERVOLTAGE
DETECTOR
VDD
BHI
AHI
DIS
ALI
VDD
DEL
BLI
VSS
U/V
U/V
HIP4082


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn