Electronic Components Datasheet Search |
|
TXM-900-HP3-PPS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
TXM-900-HP3-PPS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 13 page Page 3 Page 2 1 2 CH1 1.00V Delta 7.200mS 2.5mS CH2 2.00V VCC / PDN CTS Figure 3: Power-Up to CTS TYPICAL PERFORMANCE GRAPHS CH1 2.00V 250 μS CH2 500mV IN OUT Figure 6: Square Wave Modulation Linearity Figure 5: Sine Wave Modulation Linearity CH1 2.00V 250 μS CH2 500mV IN OUT CH1 1.00V 1 Delta 7.200mS 2.5mS 2 CH2 2.00V VCC / PDN RX DATA Figure 4: TX Powerup to Valid RX Data ABSOLUTE MAXIMUM RATINGS Supply Voltage VCC -0.3 to +18.0 VDC Any Input or Output Pin -0.3 to VCC VDC Operating Temperature -30 to +85 °C Storage Temperature -45 to +85 °C Soldering Temperature +260°C for 10 seconds *NOTE* Exceeding any of the limits of this section may lead to permanent damage to the device. Furthermore, extended operation at these maximum ratings may reduce the life of this device. ELECTRICAL SPECIFICATIONS Parameter Designation Min. Typical Max. Units Notes POWER SUPPLY Operating Voltage VCC 2.8 3.0 13.0 VDC – Supply Current ICC – 14.0 17.0 mA 1 Power-Down Current IPDN – – 15.0 µA 2 TRANSMIT SECTION Transmit Frequency Range FC 902.62 – 927.62 MHz 3 Center Frequency Accuracy – -50 – +50 kHz – Available Channels – 8 (Par.) – 100 (Ser.) – 4 Channel Spacing – – 250 – kHz – Occupied Bandwidth – – 115 140 kHz – Output Power PO -3 0 +3 dBm 5 Spurious Emissions – – -45 – dBm 6 Harmonic Emissions PH – -60 -47 dBm 6 Data Rate – 100 – 56,000 bps 7 Analog / Audio Bandwidth – 50 – 28,000 Hz 7 Data Input: Logic Low – 0.0 – 0.5 VDC – Logic High – 2.8 – 5.2 VDC – Data Input Impedance – – 200 – k Ω – Frequency Deviation @ 3VDC – 60 70 110 kHz 8 Frequency Deviation @ 5VDC – 90 115 140 kHz 8 ANTENNA PORT RF Output Impedance ROUT –50 – Ω – TIMING Transmitter Turn-On Time – – 7.0 10.0 mSec – Channel Change Time – – 1.0 1.5 mSec – ENVIRONMENTAL Operating Temperature Range – -30 – +85 °C– 1. Over the entire operating voltage range. 2. With the PDN pin low. 3. Serial Mode. 4. 100 serial channels on the PS versions only. 5. Does not change over the 3-13VDC supply. 6. Into 50 ohms. 7. The receiver will not reliably hold a DC level. See the HP3 Series Receiver Module Data Guide for the minimum transition rate. 8. The voltage specified is the modulation pin voltage. Notes *CAUTION* This product incorporates numerous static-sensitive components. Always wear an ESD wrist strap and observe proper ESD handling procedures when working with this device. Failure to observe this precaution may result in module damage or failure. PERFORMANCE DATA These performance parameters are based on module operation at 25°C from a 5.0VDC supply unless otherwise noted. Figure 2 illustrates the connections necessary for testing and operation. It is recommended all ground pins be connected to the ground plane. The pins marked NC have no electrical connection. Figure 2: Test / Basic Application Circuit GND ANT GND NC NC GND NC NC NC CS2 / SS D NC CS0 CS1 / SS CLOCK CTS NC NC PDN VCC MODE NC GND DATA NC NC 5VDC PC PC PC PC Table 1: HP3 Series Transmitter Specifications |
Similar Part No. - TXM-900-HP3-PPS |
|
Similar Description - TXM-900-HP3-PPS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |