Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APHB1608LSYKSURKC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APHB1608LSYKSURKC
Description  Compatible with reflow soldering
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608LSYKSURKC Datasheet(HTML) 3 Page - Kingbright Corporation

  APHB1608LSYKSURKC Datasheet HTML 1Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 2Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 3Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 4Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 5Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAO5241
REV NO: V.2A
DATE: SEP/25/2015
PAGE: 3 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203015222
APHB1608LSYKSURKC
Super Bright Yellow


Similar Part No. - APHB1608LSYKSURKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608LSYKSURKC TO-GRACE-APHB1608LSYKSURKC Datasheet
918Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - APHB1608LSYKSURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDCGKC KINGBRIGHT-APHB1608LQBDCGKC Datasheet
281Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDSURKC KINGBRIGHT-APHB1608LQBDSURKC Datasheet
299Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSEKJ3C KINGBRIGHT-APHB1608LVBDSEKJ3C Datasheet
285Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSYKJ3C KINGBRIGHT-APHB1608LVBDSYKJ3C Datasheet
290Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDZGKC KINGBRIGHT-APHB1608LVBDZGKC Datasheet
303Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSURKC KINGBRIGHT-APHB1608LZGKSURKC Datasheet
280Kb / 6P
   Compatible with reflow soldering
APHB1608SYKSURKC KINGBRIGHT-APHB1608SYKSURKC Datasheet
258Kb / 6P
   Compatible with reflow soldering
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com