Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCT02L-S14-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # RCT02L-S14-T
Description  ENCODER FOR REMOTE CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02L-S14-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button RCT02L-S14-T Datasheet HTML 3Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 4Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 5Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 6Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 7Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 8Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 9Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 10Page - Unisonic Technologies RCT02L-S14-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R502-002. D
BLOCK DIAGRAM OF APPLICATION CIRCUIT (3)
1
2
3
4
5
6
7
14
13
12
11
10
9
RIGHTB
OFF
LEFTB
OSCI
TESTB
GND
OSCO
BACK
PC
FOR
VDD
TURBOB
SO
SC
8
5~12V
POWER
OFF
+
+
INFRA-RED
DIODES
RCT02
UTC
Note: 1. The power supply for above circuit should be 5.0V ~ 12V.
2. This circuit is for infra-red application.


Similar Part No. - RCT02L-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
More results

Similar Description - RCT02L-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT912E UTC-UT912E Datasheet
152Kb / 8P
   ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
   ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
   ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
   ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
   Infrared Remote Encoder
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com