Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCT2E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCT2E
Description  ENCODER FOR REMOTE CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT2E Datasheet(HTML) 3 Page - Unisonic Technologies

  RCT2E_15 Datasheet HTML 1Page - Unisonic Technologies RCT2E_15 Datasheet HTML 2Page - Unisonic Technologies RCT2E_15 Datasheet HTML 3Page - Unisonic Technologies RCT2E_15 Datasheet HTML 4Page - Unisonic Technologies RCT2E_15 Datasheet HTML 5Page - Unisonic Technologies RCT2E_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RCT2E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-027.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.3 ~ 6.0
V
Input/Output Voltage
GND -0.2 ~ VDD+0.2
V
Operating Temperature
TOPR
-10 ~ 60
°C
Storage Temperature
TSTG
-25 ~ 125
°C
ELECTRICAL CHARACTERISTICS
(VDD=4.5V, Fosc=116~140KHz, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
1.8
4.5
5.0
V
Input Low Voltage
ViL
Function Input Pin
2.3
V
Operating Current
IDD
Unload
0.6
mA
SO Driving Current
IDrSO
Load=0.7V
6.5
mA
SC Driving Current
IDrSC
Load=0.7V
6.5
mA
PC Driving Current
IDrPC
Load=0.7V
6.5
mA
Stand by Current
IStandBy
Unload
10
μA
Oscillator Frequency Tolerance
Ftolerance
UTC RCR2C FOSC=128KHz
-20
+20
%


Similar Part No. - RCT2E_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - RCT2E_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT912E UTC-UT912E Datasheet
152Kb / 8P
   ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
   ENCODER FOR REMOTE CONTROLLER
RCT02 UTC-RCT02_15 Datasheet
258Kb / 11P
   ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
   ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
   Infrared Remote Encoder
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com