Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR6CG-X-D20-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCR6CG-X-D20-T
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR6CG-X-D20-T Datasheet(HTML) 2 Page - Unisonic Technologies

  RCR6CG-X-D20-T Datasheet HTML 1Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 2Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 3Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 4Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 5Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 6Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 7Page - Unisonic Technologies RCR6CG-X-D20-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RCR6C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-835.d
PIN CONFIGURATIONS
DIP-18
DIP-20
PIN DESCRIPTION
PIN NO.
DIP-18
DIP-20
PIN NAME
DESCRIPTION
1
1
VOUT2
Inverter 2 output pin for power amplify
2
2
GND
Negative power supply
3
3
SI
Input pin of the encoding signal
4
4
OSCI
Oscillator input pin
5
5
OSCO
Oscillator output pin
6
6
F1
F1 function output pin
7
7
RIGHT
Rightward output pin
8
8
F2
F2 function output pin
9
9
LEFT
Leftward output pin
10
10
VT
Auto Shut-OFF input pin
If VT voltage exceeds 1.4V, all outputs shut off automatically.
11
RDB
With Pull-up resistor, rightward function disabled if this pin connected to GND
12
LDB
With Pull-up resistor, leftward function disabled if this pin connected to GND
11
13
LRTD
If connect gnd ,Left/right+ turbo is disable
12
14
BACKWARD
Backward output pin
13
15
FORWARD
Forward output pin
14
16
TURBO
TURBO output pin
15
17
VDD
Positive power supply
16
18
VIN1
Inverter 1 input pin for signal amplify
17
19
VOUT1
Inverter 1 output pin for signal amplify
18
20
VIN2
Inverter 2 input pin for signal amplify


Similar Part No. - RCR6CG-X-D20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results

Similar Description - RCR6CG-X-D20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
   TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
   REMOTE CONTROLLER WITH TWO FUNCTIONS
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
   REMOTE CONTROLLER WITH SECEN FUNCTIONS
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
   REMOTE CONTROLLER WITH NINE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com