Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCT02 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCT02
Description  ENCODER FOR REMOTE CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02 Datasheet(HTML) 4 Page - Unisonic Technologies

  RCT02_15 Datasheet HTML 1Page - Unisonic Technologies RCT02_15 Datasheet HTML 2Page - Unisonic Technologies RCT02_15 Datasheet HTML 3Page - Unisonic Technologies RCT02_15 Datasheet HTML 4Page - Unisonic Technologies RCT02_15 Datasheet HTML 5Page - Unisonic Technologies RCT02_15 Datasheet HTML 6Page - Unisonic Technologies RCT02_15 Datasheet HTML 7Page - Unisonic Technologies RCT02_15 Datasheet HTML 8Page - Unisonic Technologies RCT02_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-002. D
CODE FORMAT (W1 is used for function codes, W2 for start codes)
W1
W1: 1KHz 50% Duty Cycle Typical
W2
W2:500Hz 75% Duty Cycle Typical
WORD FORMAT
Start Code: 4W2
Function Code:n ' W1
1Word
ENCODING TIMING
W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’W1- - - - - - - -
Press any
buttons
Encoding
output
1st word 2nd word
Function
Codes
End Codes
last word
1
2
3
14 15
Number of Function Codes (n) W1
Function Buttons
4
(End Code)
10
Forward
16
Forward & Turbo
22
Turbo
28
(Turbo/Forward) & Left
34
(Turbo/Forward) & Right
40
Backward
46
Backward & Right
52
Backward & Left
58
Left
64
Right


Similar Part No. - RCT02_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
More results

Similar Description - RCT02_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT912E UTC-UT912E Datasheet
152Kb / 8P
   ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
   ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
   ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
   ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
   Infrared Remote Encoder
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com