Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR2EG-X-D16-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # RCR2EG-X-D16-T
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2EG-X-D16-T Datasheet(HTML) 5 Page - Unisonic Technologies

  RCR2EG-X-D16-T Datasheet HTML 1Page - Unisonic Technologies RCR2EG-X-D16-T Datasheet HTML 2Page - Unisonic Technologies RCR2EG-X-D16-T Datasheet HTML 3Page - Unisonic Technologies RCR2EG-X-D16-T Datasheet HTML 4Page - Unisonic Technologies RCR2EG-X-D16-T Datasheet HTML 5Page - Unisonic Technologies RCR2EG-X-D16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RCR2E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-894.a
CODE FORMAT
(W1 is used for function codes, W2 for start codes)
W1
W2
W1: 1kHz 50% Duty Cycle Typical
W2: 500Hz 75% Duty
Cycle Typical
WORD FORMAT
Start Code: 4W2
Function Code: n ' W1
1 Word
ENCODING AND DECODING TIMING
W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1
9ms
9ms
Function Codes
End Codes
Decoding Output
from
UTC RCR2E
ENCODING INPUT AND DECODING RESULT
Number of Function Codes (n) W1
Decoding Results
4
End Code
10
Forward (Pulse)
16
Forward (High level)
22
Turbo
28
Forward (High level) & Left
34
Forward (High level) & Right
40
Backward
46
Backward & Right
52
Backward & Left
58
Left
64
Right


Similar Part No. - RCR2EG-X-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - RCR2EG-X-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
   Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com