Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBA5104G-D16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RBA5104G-D16-T
Description  FAN REMOTE CONTROL ENCODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RBA5104G-D16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  RBA5104G-D16-T Datasheet HTML 1Page - Unisonic Technologies RBA5104G-D16-T Datasheet HTML 2Page - Unisonic Technologies RBA5104G-D16-T Datasheet HTML 3Page - Unisonic Technologies RBA5104G-D16-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RBA5104
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R112-002.a
PIN CONFIGURATION
1
C1
2
C2
3
K1
4
K2
5
H3
6
K4
7
K5
8
VSS
16 VDD
15 DOUT
14 LED
13 OSCO
12 OSCI
11 K8
10 K7
9K6
UTC
RBA5104
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1~2
C1, C2
Custom Code Option: Built In Pull-Up Resistor,
Grounding Denote “0”, Floating Denote “1”.
3~7
K1~K5
Key Input Pins, Built In Pull-Up Resistor.
8
VSS
Negative Power Supply.
9~11
K6~K8
Key Input Pins, Built In Pull-Up Resistor.
12
OSCI
455kHz Oscillator Input Pin.
13
OSCO
455kHz Oscillator Output Pin.
14
LED
LED Driver Output Indication
15
DOUT
Code Data Output (Contain 38kHz Carrier Signal)
16
VDD
Positive Power Supply.
BLOCK DIAGRAM
3
4
5
6
7
9
10
11
Key Scan
&
Latch
K1
K2
K3
K4
K5
K6
K7
K8
Oscillator
Timming
Encoder
1
C2
2
C1
Output
Waveform
Generator
15
14
LED
DOUT
12
OSCI
OSCO
13
VSS
8
VDD
16


Similar Part No. - RBA5104G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA5104G-D16-T UTC-RBA5104G-D16-T Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
More results

Similar Description - RBA5104G-D16-T

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com