Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC1379 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PC1379
Description  1-CHIP DEFECTION SYSTEM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1379 Datasheet(HTML) 2 Page - Unisonic Technologies

  PC1379_15 Datasheet HTML 1Page - Unisonic Technologies PC1379_15 Datasheet HTML 2Page - Unisonic Technologies PC1379_15 Datasheet HTML 3Page - Unisonic Technologies PC1379_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCPC1379
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R111-005,A
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Vertical Supply Voltage
VCC
15
V
Horizontal Supply Current
I10
30
mA
Vertical Output Current
I8
-500 ~ +500
ma peak
Horizontal Output Current(pulse)
I9
-15 ~ +5
mA
Fly-back Generator Output Current
I6
-500 ~ +500
ma peak
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-55 ~ +155
°C
Power Dissipation
PD
1.3
W
ELECTRONICAL CHARACTERISTICS(Ta=25°C,VCC=12V,I10=12mA, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Recommend Vertical Supply Voltage
Vcc
9.6
12
14
V
Horizontal Supplu Current
I10
6.5
12
18
mA
Vertical Supply Current
Icc(1)
SWA=2
85
100
mA
Vertical Supply Current
Icc(2)
No Input Signal, SWA=2
6
12
20
mA
Vertical Free Running Frequency
Fvo
SWA=1
55
60
65
Hz
Drift of Vertical Free Running
Frequency
Fvo/Vcc
Fvo=Fvo(14.4V)-Fvo(9.6V)
SWA=2
0.8
2
Hz
Fvo/Ta
Fvo=Fvo(-20
°C)-Fvo(70°C)
SWA=2
1.5
2
Hz
Vertical Output Center Voltage
Vmid
SWA=2
5.3
5.8
6.3
V
Vertical Output Current
IB
SWA=2
450
500
550
mAp-p
Horizontal Supply Voltage
V10
SWB=2
6.2
6.7
7.2
V
Horizontal Free Running Frequency
FHO
I10=12mA SWB=1
15
15.75
16.5
KHZ
Horizontal Output Pulse Width
THPW
FHO=15. 75KHZ. SWB=2
23
25
27
US
Horizontal Output Current
I9
SWB=2
0.8
1.3
2.0
mA


Similar Part No. - PC1379_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC1379 ETC1-PC1379 Datasheet
47Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
PC1379 UTC-PC1379 Datasheet
88Kb / 4P
   1-CHIP DEFECTION SYSTEM
More results

Similar Description - PC1379_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1379 UTC-PC1379 Datasheet
88Kb / 4P
   1-CHIP DEFECTION SYSTEM
logo
List of Unclassifed Man...
CD1379CP ETC1-CD1379CP Datasheet
65Kb / 4P
   1 - CHIP DEFECTION SYSTEM
logo
Samsung semiconductor
KA2133 SAMSUNG-KA2133 Datasheet
95Kb / 3P
   1-CHIP DEFLECTION SYSTEM
KA22130 SAMSUNG-KA22130 Datasheet
154Kb / 8P
   1 CHIP TAPE RECORDER SYSTEM
KA2213 SAMSUNG-KA2213 Datasheet
153Kb / 8P
   1 CHIP TAPE RECORDER SYSTEM
logo
Daewoo Semiconductor
DBL1091 DAEWOO-DBL1091 Datasheet
411Kb / 8P
   AUDIO 1 CHIP TUNER SYSTEM
logo
Toshiba Semiconductor
TC9083N TOSHIBA-TC9083N Datasheet
954Kb / 25P
   1 CHIP PIP CONTROLLER FOR MULTI COLOR SYSTEM
logo
List of Unclassifed Man...
CP1122 ETC-CP1122 Datasheet
115Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
Rev1.0 March, 2005
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
List of Unclassifed Man...
CP1122A ETC-CP1122A Datasheet
112Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com