Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14511 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC14511
Description  BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC14511 Datasheet(HTML) 5 Page - Unisonic Technologies

  MC14511_15 Datasheet HTML 1Page - Unisonic Technologies MC14511_15 Datasheet HTML 2Page - Unisonic Technologies MC14511_15 Datasheet HTML 3Page - Unisonic Technologies MC14511_15 Datasheet HTML 4Page - Unisonic Technologies MC14511_15 Datasheet HTML 5Page - Unisonic Technologies MC14511_15 Datasheet HTML 6Page - Unisonic Technologies MC14511_15 Datasheet HTML 7Page - Unisonic Technologies MC14511_15 Datasheet HTML 8Page - Unisonic Technologies MC14511_15 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UTCMC14511
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R502-021,B
PARAMETER
SYMBOL
VDD
Vdc
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Drive Voltage
VOH
15
IOH=0mA
Source
IOH=5.0mA
IOH=10mA
IOH=15mA
IOH=20mA
IOH=25mA
14.1
14
13.6
14.59
14.27
14.18
14.07
13.95
13.70
V
Output Drive Current
IOL
5.0
10
15
VOL=0.4V
Sink
VOL=0.5V
VOL=1.5V
0.51
1.3
3.4
0.88
2.25
8.8
mA
Input Current
Iin
15
±
0.00001
±
0.1
μ
A
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current
IDD
5.0
10
15
(Per Package) Vin=0 or
VDD,
Iout=0μA
0.005
0.010
0.015
5.0
10
20
μ
A
Total Supply Current
(Notes 5 & 6)
IT
5.0
10
15
(Dynamic plus Quiescent,
Per Package)
(CL=50pF on all outputs, all
buffers switching)
IT=(1.9μA/kHz) f+IDD
IT=(3.8μA/kHz) f+IDD
IT=(5.7μA/kHz) f+IDD
μ
A
Note 4: Noise immunity specified for worst–case input combination.
Noise Margin for both “1” and “0” level =
1.0 V min @ VDD = 5.0 V
2.0 V min @ VDD = 10 V
2.5 V min @ VDD = 15 V
Note 5: The formulas given are for the typical characteristics only at 25℃.
Note 6: To calculate total supply current at loads other than 50 pF:
IT (CL) = IT(50 pF) + 3.5 x 10–3 (CL – 50) VDDf
Where: IT is inμA (per package), CL in pF, VDD in Vdc, and f in kHz is input frequency.


Similar Part No. - MC14511_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results

Similar Description - MC14511_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com