Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7SH125 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # XC7SH125
Description  Bus buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SH125 Datasheet(HTML) 3 Page - NXP Semiconductors

  XC7SH125_15 Datasheet HTML 1Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 2Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 3Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 4Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 5Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 6Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 7Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 8Page - NXP Semiconductors XC7SH125_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
XC7SH125_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 4 September 2009
3 of 14
NXP Semiconductors
XC7SH125
Bus buffer/line driver; 3-state
6.2 Pin description
7.
Functional description
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753
SOT886/SOT891
OE
1
1
output enable input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state
Inputs
Output
OE
A
Y
LLL
LH
H
HX
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Similar Part No. - XC7SH125_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH125GF PHILIPS-XC7SH125GF Datasheet
99Kb / 14P
   High-speed Si-gate CMOS device, one non-inverting buffer/line driver with 3-state output
Rev. 01-4 September 2009
XC7SH125GM PHILIPS-XC7SH125GM Datasheet
99Kb / 14P
   High-speed Si-gate CMOS device, one non-inverting buffer/line driver with 3-state output
Rev. 01-4 September 2009
logo
Nexperia B.V. All right...
XC7SH125GM NEXPERIA-XC7SH125GM Datasheet
228Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 10 January 2022
logo
NXP Semiconductors
XC7SH125GV PHILIPS-XC7SH125GV Datasheet
99Kb / 14P
   High-speed Si-gate CMOS device, one non-inverting buffer/line driver with 3-state output
Rev. 01-4 September 2009
logo
Nexperia B.V. All right...
XC7SH125GV NEXPERIA-XC7SH125GV Datasheet
228Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 10 January 2022
More results

Similar Description - XC7SH125_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com